Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q2009 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67100-Q2009
Description  1M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2009 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67100-Q2009 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2009 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
541
09.94
1M x 32-Bit Dynamic RAM Module
(2M x 16-Bit Dynamic RAM Module)
Advanced Information
HYM 321160S/GS-60/-70
1 048 576 words by 32-bit organization
(alternative 2 097 152 words by 16-bit)
Fast access and cycle time
60 ns access time
110 ns cycle time (-60 version)
70 ns access time
130 ns cycle time (-70 version)
Fast page mode capability with
40 ns cycle time (-60 version)
45 ns cycle time (-70 version)
Single + 5 V (
± 10 %) supply
Low power dissipation
max. 4840 mW active (-60 version)
max. 4400 mW active (-70 version)
CMOS – 44 mW standby
TTL
– 88 mW standby
Ordering Information
Type
Ordering Code
Package
Descriptions
HYM 321160S-60
Q67100-Q2010
L-SIM-72-11
DRAM module
(access time 60 ns)
HYM 321160S-70
on request
L-SIM-72-11
DRAM module
(access time 70 ns)
HYM 321160GS-60
Q67100-Q2009
L-SIM-72-11
DRAM module
(access time 60 ns)
HYM 321160GS-70
on request
L-SIM-72-11
DRAM module
(access time 70 ns)
CAS-before-RAS refresh, RAS-only-refresh,
Hidden refresh
8
decoupling
capacitors
mounted
on
substrate
All inputs, outputs and clock fully TTL
compatible
72 pin Single in-Line Memory Module
Utilizes eight 1M
× 4-DRAMs in 300 mil SOJ
packages
1024 refresh cycles /16 ms
Tin-Lead contact pads (S - version)
Gold contact pads (GS - version)
single sided module with 25.4 mm (1000 mil)
height


Similar Part No. - Q67100-Q2009

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2001 SIEMENS-Q67100-Q2001 Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
Q67100-Q2002 SIEMENS-Q67100-Q2002 Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
Q67100-Q2003 SIEMENS-Q67100-Q2003 Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
Q67100-Q2004 SIEMENS-Q67100-Q2004 Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
Q67100-Q2005 SIEMENS-Q67100-Q2005 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2009

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com