Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALF240 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ALF240
Description  LED Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF240 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ALF240 Datasheet HTML 1Page - Arch Electronics Corp. ALF240 Datasheet HTML 2Page - Arch Electronics Corp. ALF240 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_1
update : 2012.05.11
LED Power
ALF240 SERIES
240 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
ALF240-12S
ALF240-24S
ALF240-28S
ALF240-36S
ALF240-48S
Max Output Wattage
(W)
192W
240W
Voltage
90-264 VAC or 120-370 VDC (H Type up to 277 VAC)
Frequency (Hz)
47-63 Hz
Current (Full load)
3 A max. (115 VAC) / 1.5 A max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
<0.5 mA max.
Input
Power Factor
PF>0.97 (115 VAC) / PF>0.93 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
28V
36V
48V
Constant Current Range (V.DC.)
6 ~ 12V
12 ~ 24V
14 ~ 28V
18 ~ 36V
24 ~ 48V
Voltage Adjustment Range
±5%
Voltage Accuracy
±2%
Current (Convection) (A) max
16
10
8.57
6.66
5
Current Adjustment Range (A)
8 ~ 16
5 ~ 10
4.28 ~ 8.57
3.33 ~ 6.66
2.5 ~ 5
Line Regulation
±1%
Load Regulation
±1%
Minimum Load
1%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple & Noise (max.)
Efficiency (typ.)
90%
90%
90%
92%
93%
Hold-up Time
8 ms min.
Output
Switching Frequency
80 kHz
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Overt Temperature Protection
Auto recovery
Protection
Short Circuit Protection
Auto recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>100,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes.
KEY FEATURES
IP65 Design for Indoor or Outdoor LED Installations
Universal Input: 100-240 VAC (Up to 277 VAC)
Three in one dimming function
(1~10VDC & PWM Signal or resistance)
Bulit-in Active PFC Function, PF>0.95
Free Air Convection
High Reliability
With Constant Current & Constant Voltage
Output Voltage and Constant Current Level can Be
Adjusted Through Internal Potential Meter
LED Power Application
3-Years Product Warranty
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - ALF240

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF240-12S ARCH-ALF240-12S Datasheet
311Kb / 4P
   LED Power
ALF240-24S ARCH-ALF240-24S Datasheet
311Kb / 4P
   LED Power
ALF240-36S ARCH-ALF240-36S Datasheet
311Kb / 4P
   LED Power
ALF240-48S ARCH-ALF240-48S Datasheet
311Kb / 4P
   LED Power
ALF240-54S ARCH-ALF240-54S Datasheet
311Kb / 4P
   LED Power
More results

Similar Description - ALF240

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com