Electronic Components Datasheet Search |
|
AQF600-48S Datasheet(PDF) 4 Page - Arch Electronics Corp. |
|
AQF600-48S Datasheet(HTML) 4 Page - Arch Electronics Corp. |
4 / 4 page VER : PA_1 update : 2012.03.09 AC-DC Switching Power Supply AQF600 SERIES 600 Watts http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319 -4- FUNCTION DESCRIPITON of CN4 : Pin No. Function Description C1 +S Positive sensing. The +S signal should be connected to the positive terminal of the load. The +S and -S leads should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.5V. (max.) C2 -S Negative sensing. The -S signal should be connected to the negative terminal of the load. The -S and +S leads should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.5V. (max.) C3 +RC Turns the output on and off by electrical or dry contact between pin C4 (-RC), Short: Power OFF, Open: Power ON. C4 -RC Remote control ground. C5 DC-OK DC-OK Signal is a DC output, referenced to pinC6(DC-OK GND). C6 GND This pin connects to the negative terminal(-V). Return for DC-OK signal output. C7 +5V SB Stand by voltage output ground 4.5~5.5V, referenced to pin C8(-5V SB). The maximum load current is 0.6A. C8 -5V SB Stand by voltage output ground. C9 N.C No Pin C10 CS Current Share Function Pin FUNCTION MANUAL : 1. Remote Sense The remote sensing compensates voltage drop on the load wiring up to 0.5V. (max.) 2. DC-OK Signal Between DC-OK(pinC5) and GND(pinC6) Output Status 4~6V ON 0~1V OFF 3. Remote Control It can be turned ON/OFF by using the "Remote Control" function. Between RC+(pinC3) and RC-(pinC4) Output Status SW ON (Short) OFF SW OFF (Open) ON |
Similar Part No. - AQF600-48S |
|
Similar Description - AQF600-48S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |