Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q2014 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67100-Q2014
Description  2M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2014 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

  Q67100-Q2014 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2014 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor Group
559
Notes:
1) All voltages are referenced to VSS .
2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open.
4) An initial pause of 200
µs is required after power-up followed by 8 RAS cycles out of which at least one cycle
has to be a refresh cycle before proper device operation is achieved. In case of using internal refresh counter,
a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
5) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between VIH and VIL .
6) Measured with a load equivalant of 2 TTL loads and 100 pF.
7) tOFF (max.) defines the time at which the output achieves the open-circuit condition and is not referenced to
output voltage levels.
8) Either tRCH or tRRH must be satisfied for a read cycle.
9) These parameters are referenced to the CAS leading edge.
10) tWCS is not a restrictive operating parameter. This is included in the data sheet as electrical characteristic only.
If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain open circuit (high impedance).
11) Operation within the tRCD (max.) limit insures that tRAC (max.) can be met. tRCD (max.) is specified as a reference
point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC .
12) Operation within the tRAD (max.) limit insures that tRAC (max.) can be met. tRAD (max.) is specified as a reference
point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA .
13)For CAS-before-RAS cycles only.
HYM 322160S/GS-60/-70
2M x 32-Bit


Similar Part No. - Q67100-Q2014

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2010 SIEMENS-Q67100-Q2010 Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
Q67100-Q2012 SIEMENS-Q67100-Q2012 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
Q67100-Q2018 SIEMENS-Q67100-Q2018 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2018 SIEMENS-Q67100-Q2018 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2019 SIEMENS-Q67100-Q2019 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2014

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com