Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTC-E1 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # MTC-E1
Description  AC-DC Medical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC-E1 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  MTC-E1_12 Datasheet HTML 1Page - Arch Electronics Corp. MTC-E1_12 Datasheet HTML 2Page - Arch Electronics Corp. MTC-E1_12 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : D_1
update : 2012.03.14
AC-DC Medical
MTC-E1 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Voltage
90-264 VAC or 120-375 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
220 mA max. (115 VAC) / 118 mA max. (230 VAC)
Inrush current (<2ms)
23 A max. (115 VAC) / 46 A max. (230 VAC)
Leakage Current
0.1 mA max. (115 VAC) / 0.2 mA max. (230 VAC)
Input
External fuse (recommend)
2.0 A slow blow type
Ripple & Noise
1% of Vout
Hold-up time
20 ms min.
Output
Switching frequency
132 kHz
Over current protection
Above 105% rated output power
Over voltage protection
Zener diode clamp
Short circuit protection
Hiccup mode, indefinite (automatic recovery)
Protection
OTP
100°C
Isolation
Input-Output (V.AC)
4000V
Operating temperature
-40°C…+70°C (Case Temperature max. +95°C)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.01%/°C
Humidity
95% RH
Environment
MTBF
200,000 h~400,000 h @ 25°C
Dimension (L x W x H)
2.52 x 1.79 x 0.92 Inches
( 64.0 x 45.6 x 23.5 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
120 g
Physical
Cooling method
Free air convection
Safety Approvals
UL60601-1 / IEC60601-1
Approval
cUL / UL / CB /
ANSI/AAMI ES 60601-1: 2005, 1st Edition and CAN/CSA-C22.2 No. 60601-1:08, 2nd Edition,
MOPP
EMI
EN 55011 class B
EMC Standards
EN60601-1-2
ESD Susceptibility
EN60601-1-2
Radiated Susceptibility
EN60601-1-2
EFT / Burst
EN60601-1-2
Surge
EN60601-1-2
Safety & EMC
Conducted Susceptibility
EN60601-1-2
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1
μF & 47μF parallel capacitor.


Similar Part No. - MTC-E1_12

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC-E1 ARCH-MTC-E1_16 Datasheet
267Kb / 3P
   Switching Power Modules for PCB Mounting
More results

Similar Description - MTC-E1_12

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MSC-E1 ARCH-MSC-E1_12 Datasheet
239Kb / 3P
   AC-DC Medical
MTC ARCH-MTC Datasheet
544Kb / 6P
   AC-DC Medical
AEC60 ARCH-AEC60 Datasheet
153Kb / 2P
   AC-DC Medical
logo
XP Power Limited
PBM25US05 XPPOWER-PBM25US05 Datasheet
69Kb / 2P
   AC-DC Medical
logo
Arch Electronics Corp.
MSC ARCH-MSC Datasheet
503Kb / 6P
   AC-DC Medical
MSC-E1 ARCH-MSC-E1 Datasheet
503Kb / 6P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1 Datasheet
546Kb / 6P
   AC-DC Medical
logo
Delta Electronics, Inc.
MDS-030AAC DELTA-MDS-030AAC Datasheet
1Mb / 9P
   Medical AC-DC Adapter
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com