Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM62Y308J17 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM62Y308J17
Description  Synchronous Line Buffer:8K x 8 Bit Fast Static Dual Ported Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62Y308J17 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM62Y308J17 Datasheet HTML 1Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 2Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 3Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 4Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 5Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 6Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 7Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 8Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MCM62Y308
5
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(TA = 0 to + 70°C, Unless Otherwise Noted)
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
Terminated 50 Ohm Transmission Line
. . . . . . . . . . . . .
READ/WRITE CYCLE TIMING
MCM62Y308–17
Parameter
Symbol
Min
Max
Unit
Notes
Cycle Time
tKHKH
22
ns
Clock High Time
tKHKL
9
ns
Clock Low Time
tKLKH
9
ns
Clock High to Output Valid
tKHQV
5
17
ns
Clock High to Roll–Over Flag Valid
tKHRFV
5
11
ns
Clock High to Output High–Z
tKHQZ
5
15
ns
1
Output Enable Low to Output Valid
tGLQV
3
10
ns
2, 4
Output Enable High to Output High–Z
tGHQZ
0
5
ns
2, 3, 4
Setup Times:
RE
WE
WR
RRR
WRR
G
RR
Data In
tREVKH
tWEVKH
tWRVKH
tRRRVKH
tWRRVKH
tGVKH
tRRVKH
tDVKH
2
3
1
ns
5
6
5
Hold Times:
RE
WE
RR
WR
RRR
WRR
G
Data In
tKHREX
tKHWEX
tKHRRX
tKHWRX
tKHRRRX
tKHWRRX
tKHGX
tKHDX
2
ns
5
6
NOTES:
1. The outputs High–Z from a clock high edge when the upper three bits of the Read Address Counter do not match the 3 ID Expansion bits.
2. G is a don’t care when the three ID expansion bits do not match the upper three bits of the Read Address Counter.
3. tGLQV and tGHQZ only apply when G is programmed as Asynchronous. (See TAP LDCONT instruction.)
4. Transition is measured
± 500 mV from steady–state voltage. This parameter is sampled and not 100% tested. At any given voltage and
temperature, tGHQZ max is less than tGLQV min for a given device and from device to device.
5. This is a synchronous device. All inputs must meet the specified setup and hold times for
ALL rising edges of Clock except for G when it is
programmed to be asynchronous.
6. tGVKH and tKHGX only apply when G is programmed as synchronous.
AC TEST LOADS
Figure 1A
Figure 1B
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time (even though most devices do not
require it). On the other hand, responses from
the memory are specified from the device
point of view. Thus, the access time is shown
as a maximum since the device never pro-
vides data later than that time.
TIMING LIMITS
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
5 pF
+ 5 V
OUTPUT
255
480


Similar Part No. - MCM62Y308J17

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15 MOTOROLA-MCM6205DJ15 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15R2 MOTOROLA-MCM6205DJ15R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20 MOTOROLA-MCM6205DJ20 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20R2 MOTOROLA-MCM6205DJ20R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
More results

Similar Description - MCM62Y308J17

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com