Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM62Y308J17 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM62Y308J17
Description  Synchronous Line Buffer:8K x 8 Bit Fast Static Dual Ported Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM62Y308J17 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM62Y308J17 Datasheet HTML 2Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 3Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 4Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 5Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 6Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 7Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 8Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 9Page - Motorola, Inc MCM62Y308J17 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MCM62Y308
6
MOTOROLA FAST SRAM
READ/WRITE CYCLE TIMING DIAGRAM
tGHQZ
(NOTE 3)
tKHQV
tGVKH (NOTE 4)
NOTE: THIS TIMING DIAGRAM ALSO SHOWS THE FUNCTIONALITY OF THE PART
tKHQV
tKHWEX
tWEVKH
Din4
Din3
tDVKH
tKHDX
Din2
Din1
Din0
tWEVKH
tKHWEX
tWRVKH
tKHWRX
tKHREX
tRRVKH
tKHRRX
tREVKH
tKHQZ (NOTE 2)
HIGH–Z
tKLKH
tKHKL
tKHKH
tGLQV (NOTE 3)
D0 – D7
WR
WE
RR
RE
G
K
tKHGX (NOTE 4)
HIGH–Z
RRR,
WRR
RRF,
WRF
tKHRFV (NOTE 1)
tKHRFV
tKHRRRX, tKHWRRX
tWRRVKH, tRRRVKH
Qout4
Qout2
Qout1
Qout0
Q0 – Q7
tKHREX
tREVKH
1. Roll–Over Outputs assert high when counters reach their initial value. This timing diagram shows the relationship between the roll–over
output and reset pin only.
2. The outputs High–Z from a clock high edge when the upper three bits of the Read Address Counter do not match the 3 ID Expansion bits.
3. tGLQV and tGHQZ only apply when G is programmed as Asynchronous. (See TAP LDCONT instruction.)
4. tGVKH and tKHGX only apply when G is programmed as synchronous.


Similar Part No. - MCM62Y308J17

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15 MOTOROLA-MCM6205DJ15 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15R2 MOTOROLA-MCM6205DJ15R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20 MOTOROLA-MCM6205DJ20 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20R2 MOTOROLA-MCM6205DJ20R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
More results

Similar Description - MCM62Y308J17

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
   CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com