Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q2016 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67100-Q2016
Description  2M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2016 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q67100-Q2016 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2016 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
556
DC Characteristics1) (cont’d)
Capacitance
T
A = 0 to 70 ˚C, VCC = 5 V ± 10 %, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Average
V
CC supply current
during fast page mode
(RAS =
V
IL, CAS, address cycling,
t
PC = tPC min)
-60 version
-70 version
I
CC4
560
560
mA
mA
2),
3)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
–16
mA
Average
V
CC supply current
during CAS-before-RAS refresh mode
(RAS, CAS cycling,
t
RC = tRC min)
-60 version
-70 version
I
CC6
880
800
mA
mA
2)
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance
(A0 to A9, WE)
C
I1
120
pF
Input capacitance
(RAS0-RAS2, CAS0-CAS3)
C
I2
–40
pF
I/O capacitance
(DQ0-DQ31)
C
IO1
–29
pF
HYM 322160S/GS-60/-70
2M x 32-Bit


Similar Part No. - Q67100-Q2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2010 SIEMENS-Q67100-Q2010 Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
Q67100-Q2012 SIEMENS-Q67100-Q2012 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
Q67100-Q2018 SIEMENS-Q67100-Q2018 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2018 SIEMENS-Q67100-Q2018 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2019 SIEMENS-Q67100-Q2019 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2016

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com