Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9926UAEE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9926UAEE+
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9926UAEE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9926UAEE+ Datasheet HTML 1Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 2Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 3Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 4Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 5Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 6Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 7Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 8Page - Maxim Integrated Products MAX9926UAEE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
_______________________________________________________________________________________
5
0
5
10
15
20
INPUT OFFSET VOLTAGE DISTRIBUTION
INPUT OFFSET VOLTAGE (
μV)
-2000
-500
0
-1500
-1000
500
1000
1500
3000
2500
2000
VCM = 0
BIN SIZE = 250
0
0.1
0.3
0.2
0.4
0.5
-0.5
1.5
0.5
2.5
3.5
4.5
5.5
INPUT OFFSET VOLTAGE
vs. INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
VOUT = 2.5V
MAX9925
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
20
40
60
80
100
120
0
1100k
VBIAS = VOUT = 2.5V
VCM = 2VP-P
CMRR = 20log(ADM/ACM)
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
-100
-80
-60
-40
-20
0
-110
-90
-70
-50
-30
-10
-120
1
100k
VRIPPLE = 100mVP-P
VBIAS = VOUT = 2.5V
INPUTS COUPLED TO GND
OPEN LOOP FREQUENCY
RESPONSE
FREQUENCY (kHz)
0.1
25
50
75
100
125
0
0.001
10
VCC = 5V
VBIAS = 2.5V
VOUT = 2VP-P
MAX9925
VOL AND VOH vs. TEMPERATURE
TEMPERATURE (
°C)
50
75
100
25
0
-25
15
20
40
5
10
25
30
35
0
-50
125
VCC - VOH
VOL
0
0.2
0.1
0.4
0.3
0.5
0.6
-50
25
50
-25
0
75
100
125
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VCM = 0
VOUT = 2.5V
MAX9925
VCM = 2.5V
ADAPTIVE THRESHOLD AND RATIO
vs. SIGNAL LEVEL
SIGNAL LEVEL (VP)
1.5
2.0
1.0
0.5
400
500
900
100
200
300
600
700
800
0
02.5
fIN = 1kHz
MAX9924
ADAPTIVE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
25
50
75
100
0
-25
200
250
400
50
100
150
300
350
0
-50
125
VIN = 2VP-P
fIN = 1kHz
MAX9924
Typical Operating Characteristics
(VCC = 5V, VGND = 0V, MAX9925/MAX9927 gain setting = 1V/V. All values are at TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9926UAEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9926UAEE++ MAXIM-MAX9926UAEE+ Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9926UAEE++ MAXIM-MAX9926UAEE+ Datasheet
527Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 2; 3/09
MAX9926UAEE++ MAXIM-MAX9926UAEE+ Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
More results

Similar Description - MAX9926UAEE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_09 Datasheet
527Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 2; 3/09
MAX9924 MAXIM-MAX9924_11 Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
   Adaptive Variable Reluctance Sensor Amplifier
logo
Texas Instruments
LM1815 TI-LM1815_15 Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com