Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q979 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67100-Q979
Description  4M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q979 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q67100-Q979 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
577
AC Characteristics 4) 5)
T
A = 0 to 70 ˚C, VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
HYM
324020S/GS-60
HYM
324020S/GS-70
min.
max.
min.
max.
Random read or write cycle time
t
RC
110
130
ns
Fast page mode cycle time
t
PC
40
45
ns
Access time from RAS
6) 11) 12)
t
RAC
60
70
ns
Access time from CAS
6) 11)
t
CAC
15
20
ns
Access time from column
address
6) 12)
t
AA
30
35
ns
Access time from CAS
precharge
6)
t
CPA
35
40
ns
CAS to output in low-Z
6)
t
CLZ
0–0–ns
Output buffer turn-off delay
7)
t
OFF
0
20
0
20
ns
Transition time (rise and fall)
5)
t
T
3
50
3
50
ns
RAS precharge time
t
RP
40
50
ns
RAS pulse width
t
RAS
60
10000
70
10000
ns
RAS pulse width
(fast page mode)
t
RASP
60
200000
70
200000
ns
CAS precharge to RAS delay
t
RHCP
35
40
ns
RAS hold time
t
RSH
15
20
ns
CAS hold time
t
CSH
60
70
ns
CAS pulse width
t
CAS
15
10000
20
10000
ns
RAS to CAS delay time
11)
t
RCD
20
45
20
50
ns
RAS to column address
delay time
12)
t
RAD
15
30
15
35
ns
CAS to RAS precharge time
t
CRP
5–5–ns
CAS precharge time
(fast page mode)
t
CP
10
10
ns
Row address setup time
t
ASR
0–0–ns
Row address hold time
t
RAH
10
10
ns
Column address setup time
t
ASC
0–0–ns
Column address hold time
t
CAH
15
15
ns
HYM 324020S/GS-60/-70
4M x 32-Bit


Similar Part No. - Q67100-Q979

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q979 SIEMENS-Q67100-Q979 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q979

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM324000GD-50 SIEMENS-HYM324000GD-50 Datasheet
27Kb / 6P
   4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com