Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9209EUM+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9209EUM+
Description  Programmable DC-Balanced 21-Bit Serializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9209EUM+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9209EUM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 9Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 10Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 11Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 12Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 13Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 14Page - Maxim Integrated Products MAX9209EUM+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Programmable DC-Balanced
21-Bit Serializers
______________________________________________________________________________________
11
To obtain DC balance on the data channels, the paral-
lel input data is inverted or not inverted, depending on
the sign of the digital sum at the word boundary. Two
complementary bits are appended to each group of 7
parallel input data bits to indicate to the MAX9210/
MAX9214 deserializers whether the data bits are invert-
ed (Figure 11). The deserializer restores the original
state of the parallel data. The LVDS clock signal alter-
nates duty cycles of 4/9 and 5/9, which maintains DC
balance. Figure 12 shows the non-DC-balanced mode
inputs mapped to LVDS outputs.
DCA0
DCB1
DCA1
DCB2
DCA2
CYCLE N + 1
CYCLE N
CYCLE N - 1
TxIN2
TxIN6
TxIN3
TxIN4
TxIN5
TxIN9
TxIN13
TxIN10
TxIN11
TxIN12
TxIN2
TxIN3
TxIN4
DCA0
TxIN5
TxIN6
DCB0
TxIN9
TxIN10
TxIN11
DCA1
TxIN12
TxIN13
DCB1
TxIN16
TxIN17
TxIN18
DCA2
TxIN19
TxIN20
DCB2
TxIN0
TxIN1
TxIN7
TxIN8
TxIN14
TxIN15
TxIN16
TxIN20
TxIN17
TxIN18
TxIN19
DCB0
TxCLK OUT-
TxOUT1
TxOUT0
TxOUT2
TxIN1
TxIN8
TxIN15
TxIN0
TxIN7
TxIN14
TxCLK OUT+
Figure 11. DC-Balanced Mode Inputs Mapped to LVDS Outputs
2.0V
3.0V
HIGH-Z
DIFFERENTIAL 0
3.6V
VOD = 0
VCC
TxOUT_, TxCLK OUT
TxCLK IN
PWRDWN
TPPLS
Figure 9. PLL Set Time
TxOUT_, TxCLK OUT
TxCLK IN
PWRDWN
HIGH-Z
0.8V
TPDD
Figure 10. Power-Down Delay


Similar Part No. - MAX9209EUM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9209EUM MAXIM-MAX9209EUM Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209EUM MAXIM-MAX9209EUM Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209EUM MAXIM-MAX9209EUM Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
More results

Similar Description - MAX9209EUM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com