Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9247GCM+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9247GCM+
Description  27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9247GCM+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9247GCM+ Datasheet HTML 1Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 2Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9247GCM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
27-Bit, 2.5MHz-to-42MHz
DC-Balanced LVDS Serializer
_______________________________________________________________________________________
5
WORST-CASE PATTERN
SUPPLY CURRENT vs. FREQUENCY
FREQUENCY (MHz)
40
30
20
10
10
20
30
40
50
60
70
0
0
WITH PREEMPHASIS
WITHOUT PREEMPHASIS
EYE DIAGRAM WITH PREEMPHASIS
100mV/div
200ps/div
fREFCLK = 42MHz
2 METER CAT5 CABLE
GND
100
Ω TERMINATION
PRE = HIGH
EYE DIAGRAM WITHOUT PREEMPHASIS
100mV/div
200ps/div
fREFCLK = 42MHz
2 METER CAT5 CABLE
GND
100
Ω TERMINATION
PRE = LOW
BIT-ERROR RATE vs. CABLE LENGTH
CAT5 CABLE LENGTH (m)
810
12
6
4
2
1.00E-11
1.00E-12
1.00E-13
1.00E-14
1.00E-10
0
CAT5 CABLE
fREFCLK = 42MHz
840Mbps DATA RATE
FOR CABLE LENGTH < 10m
BER < 10-12
CABLE LENGTH
vs. FREQUENCY BIT-ERROR RATE < 10-9
CABLE LENGTH (m)
15
25
35
45
5
20
30
40
10
18
16
14
12
10
8
6
4
2
020
Typical Operating Characteristics
(VCC_ = +3.3V, RL = 100Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9247GCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247GCM++ MAXIM-MAX9247GCM+ Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
More results

Similar Description - MAX9247GCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com