Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9213EUM+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9213EUM+
Description  Programmable DC-Balanced 21-Bit Serializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9213EUM+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9213EUM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 9Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 10Page - Maxim Integrated Products MAX9213EUM+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Programmable DC-Balanced
21-Bit Serializers
_______________________________________________________________________________________
7
Pin Description
PIN
TSSOP
TQFN
NAME
FUNCTION
1, 3, 4, 44, 45, 47, 48,
38, 39, 41, 42, 43, 45, 46
TxIN0–TxIN6
5V Tolerant LVTTL/LVCMOS Channel 0 Data Inputs.
Internally pulled down to GND.
2, 8, 14, 21
2, 8, 15, 44
VCC
Digital Supply Voltage
5, 11, 17, 24, 46
5, 11, 18, 40, 47
GND
Ground
6, 7, 9, 10, 12, 13, 15
1, 3, 4, 6, 7, 9, 48
TxIN7–TxIN13
5V Tolerant LVTTL/LVCMOS Channel 1 Data Inputs.
Internally pulled down to GND.
16, 18, 19, 20, 22, 23, 25
10, 12, 13, 14, 16, 17, 19
TxIN14–TxIN20
5V Tolerant LVTTL/LVCMOS Channel 2 Data Inputs.
Internally pulled down to GND.
26
20
TxCLK IN
5V Tolerant LVTTL/LVCMOS Parallel Rate Clock Input.
Internally pulled down to GND.
27
21
PWRDWN
5V Tolerant LVTTL/LVCMOS Power-Down Input. Internally
pulled down to GND. Outputs are high impedance when
PWRDWN = low or open.
28, 30
22, 24
PLL GND
PLL Ground
29
23
PLL VCC
PLL Supply Voltage
31, 36, 42
25, 30, 36
LVDS GND
LVDS Ground
32
26
TxCLK OUT+
Noninverting LVDS Parallel Rate Clock Output
33
27
TxCLK OUT-
Inverting LVDS Parallel Rate Clock Output
34
28
TxOUT2+
Noninverting Channel 2 LVDS Serial Data Output
35
29
TxOUT2-
Inverting Channel 2 LVDS Serial Data Output
37
31
LVDS VCC
LVDS Supply Voltage
38
32
TxOUT1+
Noninverting Channel 1 LVDS Serial Data Output
39
33
TxOUT1-
Inverting Channel 1 LVDS Serial Data Output
40
34
TxOUT0+
Noninverting Channel 0 LVDS Serial Data Output
41
35
TxOUT0-
Inverting Channel 0 LVDS Serial Data Output
43
37
DCB/NC
LVTTL/LVCMOS DC-Balance Programming Input:
MAX9209: pulled up to VCC
MAX9213: pulled up to VCC
See Table 1.
EP
Exposed Paddle (TQFN Only). Solder to ground.


Similar Part No. - MAX9213EUM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9213EUM MAXIM-MAX9213EUM Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9213EUM MAXIM-MAX9213EUM Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9213EUM MAXIM-MAX9213EUM Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
More results

Similar Description - MAX9213EUM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com