Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28EC20_1203 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS28EC20_1203
Description  20Kb 1-Wire EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28EC20_1203 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS28EC20_1203 Datasheet HTML 5Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 6Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 7Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 8Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 9Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 10Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 11Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 12Page - Maxim Integrated Products DS28EC20_1203 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
9 of 27
Figure 5. Memory Map
ADDRESS RANGE
TYPE
DESCRIPTION
PROTECTION CODES (NOTES)
0000h to 00FFh
R/(W)
Data Memory
Pages 0 to 7 (Block 0)
(Protection controlled by address 0A00h)
0100h to 01FFh
R/(W)
Data Memory
Pages 8 to 15 (Block 1)
(Protection controlled by address 0A01h)
0200h to 02FFh
R/(W)
Data Memory
Pages 16 to 23 (Block 2)
(Protection controlled by address 0A02h)
0300h to 03FFh
R/(W)
Data Memory
Pages 24 to 31 (Block 3)
(Protection controlled by address 0A03h)
0400h to 04FFh
R/(W)
Data Memory
Pages 32 to 39 (Block 4)
(Protection controlled by address 0A04h)
0500h to 05FFh
R/(W)
Data Memory
Pages 40 to 47 (Block 5)
(Protection controlled by address 0A05h)
0600h to 06FFh
R/(W)
Data Memory
Pages 48 to 55 (Block 6)
(Protection controlled by address 0A06h)
0700h to 07FFh
R/(W)
Data Memory
Pages 56 to 63 (Block 7)
(Protection controlled by address 0A07h)
0800h to 08FFh
R/(W)
Data Memory
Pages 64 to 71 (Block 8)
(Protection controlled by address 0A08h)
0900h to 09FFh
R/(W)
Data Memory
Pages 72 to 79 (Block 9)
(Protection controlled by address 0A09h)
0A00h* to 0A09h*
R/(W)
Protection Control
Blocks 0 to 9
55h: Write protected; AAh: EPROM mode.
Address 0A00h is associated with Block 0,
address 0A01h with Block 1, etc.
0A0Ah to 0A1Dh
R/(W)
User EEPROM
(Protection controlled by address 0A1Fh)
0A1Eh*
R/(W)
Memory Block Lock
(See text)
0A1Fh*
R/(W)
Register Page Lock
(See text)
0A20h
R
Factory Byte
(55h  no valid manufacturer ID, AAh 
0A23h to 0A24h are a valid Manufacturer ID)
0A21h to 0A22h
R
Factory Trim Bytes
(Unspecified value)
0A23h to 0A24h
R
Manufacturer ID
Validity depends on factory byte
0A25h to 0A3Fh
R
Reserved
(Unspecified value)
* Once programmed to AAh or 55h this address becomes read-only. All other codes can be stored but neither write-protect the address nor
activate any function.


Similar Part No. - DS28EC20_1203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20_11 Datasheet
186Kb / 27P
   20Kb 1-Wire EEPROM
Rev 3; 11/11
More results

Similar Description - DS28EC20_1203

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28EC20 DALLAS-DS28EC20 Datasheet
269Kb / 24P
   20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
   20Kb 1-Wire EEPROM
REV: 040109
DS28EC20 MAXIM-DS28EC20_11 Datasheet
186Kb / 27P
   20Kb 1-Wire EEPROM
Rev 3; 11/11
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
   1-Wire 4Kb EEPROM
Rev 3; 5/12
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
   4Kb 1-Wire EEPROM
19-5581; 10/10
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS2433-Z01 MAXIM-DS2433-Z01 Datasheet
215Kb / 2P
   4kbit 1-Wire EEPROM
32000
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com