Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28EC20+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS28EC20+
Description  20Kb 1-Wire EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28EC20+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS28EC20+ Datasheet HTML 1Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 2Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 3Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 4Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 5Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 6Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 7Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 8Page - Maxim Integrated Products DS28EC20+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
5 of 27
Note 1:
System requirement.
Note 2:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system, 1-Wire recovery times, and
current requirements during EEPROM programming. The specified value here applies to systems with only one device and with
the minimum 1-Wire recovery times. For more heavily loaded systems, an active pullup such as that found in the DS2482-x00,
DS2480B, or DS2490 may be required.
Note 3:
Typical value represents the internal parasite capacitance when VPUP is first applied. Once the parasite capacitance is charged, it
does not affect normal communication.
Note 4:
Guaranteed by design, characterization and/or simulation only. Not production tested.
Note 5:
VTL, VTH, and VHY are a function of the internal supply voltage which is itself a function of VPUP, RPUP, 1-Wire timing, and
capacitive loading on I/O. Lower VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values of VTL, VTH,
and VHY.
Note 6:
Voltage below which, during a falling edge on I/O, a logic 0 is detected.
Note 7:
The voltage on I/O needs to be less or equal to VILMAX at all times the master is driving I/O to a logic 0 level.
Note 8:
Voltage above which, during a rising edge on I/O, a logic 1 is detected.
Note 9:
After VTH is crossed during a rising edge on I/O, the voltage on I/O has to drop by at least VHY to be detected as logic 0.
Note 10:
The I-V characteristic is approximately linear for voltages less than 1V.
Note 11:
Applies to a single device attached to a 1-Wire line.
Note 12:
The earliest recognition of a negative edge is possible at tREH after VTH has been reached on the preceding rising edge.
Note 13:
Defines maximum possible bit rate. Equal to 1/(tW0LMIN + tRECMIN).
Note 14:
Interval after tRSTL during which a bus master can read a logic 0 on I/O if there is a DS28EC20 present. The power-up presence
detect pulse could be outside this interval but will be complete within 2ms after power-up.
Note 15:
ε
in Figure 11 represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF - ε and tW0LMAX + tF - ε, respectively.
Note 16:
δ
in Figure 11 represents the time required for the pullup circuitry to pull the voltage on I/O up from VIL to the input high threshold
of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.
Note 17:
Current drawn from I/O during the EEPROM programming interval. The pullup circuit on I/O during the programming interval
should be such that the voltage at I/O is greater than or equal to 3.0V. For 3.3V±5% VPUP operation of the DS28EC20, a low-
impedance bypass of RPUP, which can be activated during programming, is required.
Note 18:
The tPROG interval begins tREHMAX after the trailing rising edge on I/O for the last time slot of the E/S byte for a valid copy scratchpad
sequence. Interval ends once the device's self-timed EEPROM programming cycle is complete and the current drawn by the
device has returned from IPROG to IL.
Note 19:
Write-cycle endurance is degraded as TA increases.
Note 20:
Not 100% production-tested; guaranteed by reliability monitor sampling.
Note 21:
Data retention is degraded as TA increases.
Note 22:
Guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to data sheet
limit at operating temperature range is established by reliability testing.
Note 23:
EEPROM writes may become nonfunctional after the data retention time is exceeded. Long-time storage at elevated
temperatures is not recommended; the device may lose its write capability after 10 years at +125°C or 40 years at +85°C.


Similar Part No. - DS28EC20+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28EC20++ DALLAS-DS28EC20+ Datasheet
269Kb / 24P
   20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20++ MAXIM-DS28EC20+ Datasheet
457Kb / 27P
   20Kb 1-Wire EEPROM
REV: 040109
logo
Dallas Semiconductor
DS28EC20+T DALLAS-DS28EC20+T Datasheet
269Kb / 24P
   20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20+T MAXIM-DS28EC20+T Datasheet
457Kb / 27P
   20Kb 1-Wire EEPROM
REV: 040109
More results

Similar Description - DS28EC20+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28EC20 DALLAS-DS28EC20 Datasheet
269Kb / 24P
   20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
   20Kb 1-Wire EEPROM
REV: 040109
DS28EC20 MAXIM-DS28EC20_11 Datasheet
186Kb / 27P
   20Kb 1-Wire EEPROM
Rev 3; 11/11
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
   1-Wire 4Kb EEPROM
Rev 3; 5/12
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
   4Kb 1-Wire EEPROM
19-5581; 10/10
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS2433-Z01 MAXIM-DS2433-Z01 Datasheet
215Kb / 2P
   4kbit 1-Wire EEPROM
32000
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com