Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9928F Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9928F
Description  -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9928F Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9928F Datasheet HTML 1Page - Maxim Integrated Products MAX9928F Datasheet HTML 2Page - Maxim Integrated Products MAX9928F Datasheet HTML 3Page - Maxim Integrated Products MAX9928F Datasheet HTML 4Page - Maxim Integrated Products MAX9928F Datasheet HTML 5Page - Maxim Integrated Products MAX9928F Datasheet HTML 6Page - Maxim Integrated Products MAX9928F Datasheet HTML 7Page - Maxim Integrated Products MAX9928F Datasheet HTML 8Page - Maxim Integrated Products MAX9928F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
-0.1V to +28V Input Range, Micropower,
Uni-/Bidirectional, Current-Sense Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = -0.1V to +28V, VCC = 3.3V, VSENSE = (VRS+ - VRS-) = 0V, ROUT = 10kΩ for MAX9928F, TA = -40°C to +125°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9928F
5
M
Ω
Output Resistance
ROUT
MAX9929F
6.4
10
13.6
k
Ω
MAX9928F, ROUT = 10k
Ω
(VCC -
0.1)
(VCC -
0.45)
Output High Voltage (Note 6)
VOH
MAX9929F
(VCC -
0.1)
(VCC -
0.45)
V
TA = +25
°C
0.25
2.0
Minimum Output Voltage (Note 7)
VOL
MAX9929F
TA = -40
°C to +125°C15
mV
TA = +25
°C
0.025
0.2
Minimum Output Current (Note 7)
IOL
MAX9928F
TA = -40
°C to +125°C
1.5
µA
SIGN COMPARATOR DC ELECTRICAL CHARACTERISTICS
TA = +25°C
-1.6
-1.2
-0.5
VRS+ = 3.6V
TA = -40°C to +125°C
-2.15
-0.15
TA = +25°C
-2.5
-1.2
+0.25
Discharge to Charge Trip Point
(Note 8)
VTDC
VRS+ = -0.1V
TA = -40
°C to +125°C
-4.6
+2.3
mV
VRS+ = 3.6V
TA = +25
°C-1.8
Charge to Discharge Trip Point
(Note 8)
VTCD
VRS+ = -0.1V
TA = +25
°C-1.8
mV
Hysteresis Width
VHYS
VRS+ = 3.6V,
-0.1V
TA = +25
°C0.6
mV
Common-Mode Input Range
(Note 9)
VCMR
-0.1
+28
V
2V
≤ VRS+ ≤ 28V
102
Common-Mode Rejection Ratio
(Note 9)
CMRR
-0.1V
≤ VRS+ ≤ +2V
74
dB
Output Low Voltage
VOL
ISINK = 100µA
0.03
0.1
V
Output High Voltage
VOH
(VCC -
0.01)
(VCC -
0.04)
V
Internal Pullup Resistor
RPULL-UP
1M
Ω
POWER SUPPLY
TA = +25
°C
2.5
5.5
Supply Voltage Range (Note 10)
VCC
TA = -40
°C to +125°C
2.8
5.5
V
VRS+ = 3.6V
72
90
Amplifier Power-Supply Rejection
Ratio (Note 10)
PSRRA
VRS+ = -0.1V
66
86
dB
VRS+ = 3.6V
90
Comparator Power-Supply
Rejection Ratio
PSRRC
VRS+ = -0.1V
86
dB
2V
≤ VRS+ ≤ 28V
20
30
Quiescent Supply Current
ICC
-0.1V
≤ VRS+ < +2V
115
200
µA


Similar Part No. - MAX9928F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928FABT+T MAXIM-MAX9928FABT+T Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
MAX9928FABTT MAXIM-MAX9928FABTT Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928FAUA MAXIM-MAX9928FAUA Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928FAUA++ MAXIM-MAX9928FAUA+ Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
More results

Similar Description - MAX9928F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
   0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
   Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com