Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q980 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67100-Q980
Description  4M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q980 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  Q67100-Q980 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q980 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
578
AC Characteristics4) 5) (cont’d)
T
A = 0 to 70 ˚C, VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
HYM
324020S/GS-60
HYM
324020S/GS-70
min.
max.
min.
max.
Column address to RAS lead time
t
RAL
30
35
ns
Read command setup time
t
RCS
0–0–ns
Read command hold time
8)
t
RCH
0–0–ns
Read command hold time
ref. to RAS
8)
t
RRH
0–0–ns
Write command hold time
t
WCH
10
15
ns
Write command pulse width
t
WP
10
15
ns
Write command to RAS lead time
t
RWL
15
20
ns
Write command to CAS lead time
t
CWL
15
20
ns
Data setup time
9)
t
DS
0–0–ns
Data hold time
9)
t
DH
15
15
ns
Refresh period
t
REF
32
32
ms
Write command setup time
10)
t
WCS
0–0–ns
CAS setup time
13)
t
CSR
10
10
ns
CAS hold time
13)
t
CHR
10
10
ns
RAS to CAS precharge time
t
RPC
5–5–ns
CAS precharge time
t
CP
10
10
ns
Write to RAS precharge time
13)
t
WRP
10
10
ns
Write hold time ref. to RAS
13)
t
WRH
10
10
ns
HYM 324020S/GS-60/-70
4M x 32-Bit


Similar Part No. - Q67100-Q980

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q982 SIEMENS-Q67100-Q982 Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
Q67100-Q985 SIEMENS-Q67100-Q985 Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q980

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM324000GD-50 SIEMENS-HYM324000GD-50 Datasheet
27Kb / 6P
   4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com