Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4924-185K Datasheet(PDF) 1 Page - API Delevan

Part # S4924-185K
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S4924-185K Datasheet(HTML) 1 Page - API Delevan

  S4924-185K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES S4924R
S4924
Shielded Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.490 to 0.520
12.44 to 13.21
B
0.230 to 0.250
5.84 to 6.35
C
0.210 to 0.230
5.33 to 5.84
D
0.050 Min.
1.27 Min.
E
0.055 to 0.095
1.397 to 2.413
F
0.330 (Ref. only)
8.38 (Ref. only)
G
0.120 (Ref. only)
3.04 (Ref. only)
Mechanical Configuration
Units are encapsulated in an epoxy molded surface mount
package
Operating Temperature Range
–55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.385 W
Incremental Current Current which causes a max. of 5%
change in Inductance
Dielectric Withstanding Voltage 1000V RMS Min.
Inductance Tolerance Tolerance is specified by suffixing an
alpha character to the part number as follows: H = 3% and J =
5%. Units are normally supplied to the tolerance indicated in
table.
Coupling 3% Max.
Marking API/SMD; S4924; inductance with units and
tolerance; date code (YYWWL). Note: An R after S4924
indicates a RoHS component.
Example: S4924-184J
API/SMD
S4924
180uH±5%
0226B
Packaging Tape & reel (24mm): 13" reel, 800 pieces max.;
7" reel not available
Made In the U.S.A.
SERIES S4924 PHENOLIC CORE - IRON SLEEVE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
SERIES S4924 IRON CORE - IRON SLEEVE
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
SERIES S4924 FERRITE CORE - FERRITE SLEEVE
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
-684K
-824K
-105K
-125K
-155K
-185K
-225K
-275K
-335K
-395K
-475K
-565K
-685K
-825K
-106K
-126K
-156K
-186K
-226K
-276K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Optional Tolerances:
J = 5% H = 3%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
3900
3345
3195
2835
2385
1855
1705
1450
1235
1075
915
800
2320
1920
1780
1650
1420
1160
1045
970
830
725
610
535
485
440
300
250
210
195
160
150
135
124
122
120
113
98
84
76
67
60
55
46
43
40
38
33
29
28
27
24
22
20
19
17
15
14
13
12
11
9
8
7
7
7
3900
3345
3195
2835
2385
1855
1705
1450
1235
1075
915
800
2320
1920
1780
1650
1420
1160
1045
970
830
725
610
535
485
440
618
580
561
504
471
397
380
369
355
342
312
291
272
263
247
228
218
203
178
171
160
152
134
120
115
110
104
88
85
72
68
61
59
57
54
50
48
46
37
35
0.025
0.034
0.037
0.047
0.067
0.11
0.13
0.18
0.25
0.33
0.45
0.59
0.07
0.10
0.12
0.14
0.19
0.28
0.35
0.40
0.55
0.72
1.02
1.32
1.62
2.0
0.8
0.89
0.96
1.19
1.37
1.93
2.11
2.23
2.70
2.44
3.12
3.6
4.1
4.4
5.0
5.8
6.4
7.4
9.5
10.5
11.8
13.0
17.5
22.1
26.5
29.9
33.8
47.3
53.0
73.8
81.6
98.9
111.0
119.0
137.0
143.0
157.0
225.0
274.0
308.0
450
425
400
350
325
300
275
250
235
210
190
180
140
130
115
105
100
92
85
75
70
65
55
50
46
44
49
45
41
38
34
29
27
25
21
10.5
10.0
9.7
8.5
8.0
7.5
7.0
6.5
6.2
5.7
4.7
4.5
4.2
3.8
3.0
2.8
2.6
2.4
2.2
2.0
1.9
1.7
1.6
1.4
1.2
1.0
0.80
0.60
0.55
0.50
0.40
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.079
0.079
0.079
0.079
0.079
50
50
50
50
49
47
46
44
44
43
42
40
44
44
44
44
44
44
44
44
44
44
50
50
50
55
45
45
45
45
45
50
50
50
50
50
50
55
55
55
55
55
55
60
60
60
60
60
60
50
50
50
50
50
50
50
50
50
50
50
50
30
30
30
27
27
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
22000.0
27000.0
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/23/10 2:45 PM Page 31


Similar Part No. - S4924-185K

ManufacturerPart #DatasheetDescription
logo
API Delevan
S4924-185K API-S4924-185K Datasheet
34Kb / 1P
   Shielded Surface Mount Inductors
More results

Similar Description - S4924-185K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com