Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ10EL89 Datasheet(PDF) 6 Page - Arizona Microtek, Inc

Part # AZ10EL89
Description  PECL/ECL Coaxial Cable Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10EL89 Datasheet(HTML) 6 Page - Arizona Microtek, Inc

  AZ10EL89_12 Datasheet HTML 1Page - Arizona Microtek, Inc AZ10EL89_12 Datasheet HTML 2Page - Arizona Microtek, Inc AZ10EL89_12 Datasheet HTML 3Page - Arizona Microtek, Inc AZ10EL89_12 Datasheet HTML 4Page - Arizona Microtek, Inc AZ10EL89_12 Datasheet HTML 5Page - Arizona Microtek, Inc AZ10EL89_12 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Arizona Microtek, Inc.
AZ10EL89
ECL/PECL Coaxial Cable Driver
www.azmicrotek.com
+1-480-962-5881
6
Request a Sample
May 2012, Rev 2.0
PACKAGE DIAGRAM
SOIC8
Green/RoHS compliant/Pb-Free
MSL=1
Arizona Microtek, Inc. reserves the right to change circuitry and specifications at any time without prior notice.
Arizona Microtek, Inc. makes no warranty, representation or guarantee regarding the suitability of its products for
any particular purpose, nor does Arizona Microtek, Inc. assume any liability arising out of the application or use of
any product or circuit and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. Arizona Microtek, Inc. does not convey any license rights nor the rights of
others. Arizona Microtek, Inc. products are not designed, intended or authorized for use as components in systems
intended to support or sustain life, or for any other application in which the failure of the Arizona Microtek, Inc.
product could create a situation where personal injury or death may occur. Should Buyer purchase or use Arizona
Microtek, Inc. products for any such unintended or unauthorized application, Buyer shall indemnify and hold
Arizona Microtek, Inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of
personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Arizona Microtek, Inc. was negligent regarding the design or manufacture of the part.


Similar Part No. - AZ10EL89_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL89D ETC1-AZ10EL89D Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89D AZM-AZ10EL89D Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89DR1 ETC1-AZ10EL89DR1 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
AZ10EL89DR2 ETC1-AZ10EL89DR2 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
More results

Similar Description - AZ10EL89_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com