Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45-505-110-P Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 45-505-110-P
Description  Series 505 PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

45-505-110-P Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  45-505-110-P Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Convert surface mount PLCC packages to a PGA footprint
• Pin polarization option also available
• Consult factory for Panelized Form or for mounting of consigned chips
GENERAL SPECIFICATIONS
• ADAPTER BODY: FR-4, 0.062 [1.58] thick, with 1-oz. min. Cu traces
• PADS: hot-air solder leveled
• PINS: Brass 360 1/2-hard per UNS C36000 ASTM-B16-00
• PIN PLATING: 200µ [5.08µ] Sn/Pb 93/7 ASTM B579-73 over 100µ [2.54µ] Ni
per ASE AMS-QQ-N-290 or 10µ [0.25µ] Au
• OPERATING TEMPERATURE: 221°F [105°C]
MOUNTING CONSIDERATIONS
• SUGGESTED PCB HOLE SIZE: 0.028 ±0.003 [0.71 ±0.08] dia
• STANDARD: will plug into PGA socket
18028
Rev. AC
Series 505 PLCC-to-PGA JEDEC
Type 0.050 [1.27] Pitch Adapter
# Pins
Dim. “A”
Dim. “B”
Dim. “C”
Dim. “D”
Matching PGA P/N
28 or 29
0.600 [15.24]
0.500 [12.70]
0.448 [11.38]
0.324 [8.23]
29-PGM06002-30
44 or 45
0.800 [20.32]
0.700 [17.78]
0.648 [16.46] 0.524 [13.31]
44-PGM08002-30
68 or 69
1.100 [27.94]
1.000 [25.40]
0.948 [24.08] 0.824 [20.93]
68-PGM11032-30
84 or 85
1.300 [33.02]
1.200 [30.48]
1.148 [29.16] 1.024 [26.01]
84-PGM13042-30
No. of Pins
28, 44, 68, 84
or 29, 45, 69, 85
with Polarization Pin
Series
Stand-offs w/Solder Pin Tail
ORDERING INFORMATION
XX-505-11 X-P
Optional Panelized Version
Pin Plating
0 = Sn (standard)
1 = Au
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS


Similar Part No. - 45-505-110-P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
45-505-110 ARIES-45-505-110 Datasheet
626Kb / 1P
   PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
More results

Similar Description - 45-505-110-P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18028 ARIES-18028 Datasheet
653Kb / 1P
   Series 505 PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
28-505-110 ARIES-28-505-110 Datasheet
626Kb / 1P
   PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
   QFP-to-PGA Adapter
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
   QFP-to-PGA Adapter
18017 ARIES-18017 Datasheet
938Kb / 1P
   P/N 95-132I25 JEDEC 132-Position QFP-to-PGA Adapter 0.025 [0.64] Pitch
18013 ARIES-18013 Datasheet
522Kb / 1P
   SOIC-to-JEDEC TO Adapter
logo
Precid-Dip Durtal SA
540-88-032-17-400-2 PREDIP-540-88-032-17-400-2 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
550-10-352M26-001152 PREDIP-550-10-352M26-001152 Datasheet
20Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-068-24-008 PREDIP-540-88-068-24-008 Datasheet
25Kb / 5P
   PGA / BGA / PLCC SOCKETS
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com