Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100ELT23 Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ100ELT23
Description  Dual Differential PECL to CMOS/TTL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100ELT23 Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ100ELT23 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100ELT23 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100ELT23 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100ELT23 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100ELT23 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100ELT23 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Arizona Microtek, Inc.
AZ100ELT21
Differential PECL to CMOS/TTL
Translator
www.azmicrotek.com
+1-480-962-5881
4
Request a Sample
May 2012, Rev 2.0
Table 4 - LVPECL DC Characteristics
100K LVPECL DC Characteristics (GND = 0.0V, VCC = +3.3V)
Symbol
Characteristic
-40 °C
0 °C
25 °C
85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage
2135
2420
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage
1490
1825
1490
1825
1490
1825
1490
1825
mV
VPP
Minimum Input Swing
200
1
200
200
200
mV
VCMR
Common Mode Range
1.2
VCC
1.2
VCC
1.2
VCC
1.2
VCC
V
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IIH
Input HIGH Current
150
150
150
150
µA
1
200mV input guarantees full logic swing at the output
Table 5 - PECL DC Characteristics
100K PECL DC Characteristics (GND = 0.0V, VCC = +5.0V)
Symbol
Characteristic
-40 °C
0 °C
25 °C
85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage
3835
4120
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage
3190
3525
3190
3525
3190
3525
3190
3525
mV
VPP
Minimum Input Swing
200
1
200
1
200
1
200
1
mV
VCMR
Common Mode Range
1.2
VCC
1.2
VCC
1.2
VCC
1.2
VCC
V
IIL
Input LOW Current
0.5
0.5
0.5
0.5
µA
IIH
Input HIGH Current
150
150
150
150
µA
1
200mV input guarantees full logic swing at the output
Table 6 - AC Characteristics
AC Characteristics (GND = 0.0V, VCC = +3.0V to +5.5V)
Symbol
Characteristic
-40 °C
0 °C
25 °C
85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tPLH/tPHL
Propagation Delay to Output1
VCC = 4.5 to 5.5V
2
5.5
2
5.5
2
5.5
2
5.5
ns
Propagation Delay to Output1
VCC = 3.0 to 3.6V
3.5
7
3.5
7
3.5
7
3.5
7
ns
1
CL = 20pF


Similar Part No. - AZ100ELT23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100ELT23 ETC-AZ100ELT23 Datasheet
62Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT23 AZM-AZ100ELT23 Datasheet
67Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
logo
List of Unclassifed Man...
AZ100ELT23D ETC-AZ100ELT23D Datasheet
62Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT23D AZM-AZ100ELT23D Datasheet
67Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
AZ100ELT23D++ AZM-AZ100ELT23D+ Datasheet
67Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
More results

Similar Description - AZ100ELT23

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT23 ETC-AZ100ELT23 Datasheet
62Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT23 AZM-AZ100ELT23 Datasheet
67Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com