Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100ELT23DG Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZ100ELT23DG
Description  Dual Differential PECL to CMOS/TTL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100ELT23DG Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZ100ELT23DG Datasheet HTML 1Page - Arizona Microtek, Inc AZ100ELT23DG Datasheet HTML 2Page - Arizona Microtek, Inc AZ100ELT23DG Datasheet HTML 3Page - Arizona Microtek, Inc AZ100ELT23DG Datasheet HTML 4Page - Arizona Microtek, Inc AZ100ELT23DG Datasheet HTML 5Page - Arizona Microtek, Inc AZ100ELT23DG Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Arizona Microtek, Inc.
AZ100ELT21
Differential PECL to CMOS/TTL
Translator
www.azmicrotek.com
+1-480-962-5881
3
Request a Sample
May 2012, Rev 2.0
ENGINEERING NOTES
The AZ100ELT23 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the device. For
single-ended input applications, the VBB reference should be connected to one side of the D / D differential input pair.
The input signal is then fed to the other D / D input. The VBB pin should be used only as a bias for the AZ100ELT21 as
its sink/source capability is limited. When used, the VBB pin should be bypassed to ground via a 0.01µF capacitor.
NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established.
PERFORMANCE DATA
Table 2 – Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Condition
Rating
Unit
VCC
DC Power Supply
Referenced to GND
0 to +7.0
V
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESDHBM
Human Body Model
2500
V
ESDMM
Machine Model
200
V
ESDCDM
Charged Device Model
2500
V
Table 3 – TTL/CMOS Input DC Characteristics
TTL/CMOS DC Characteristics (GND = 0.0V, VCC = +3.3V to 5.5V)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -24mA
VCC - 0.5V
V
VOL
Output LOW Voltage
IOL = 24mA
0.5
V
ICC
Power Supply Current
0
°C to 85°C
9
15
mA
ICC
Power Supply Current
-40
°C to 85°C
9
17.6
mA
ICC
Output Short Circuit Current
100
mA


Similar Part No. - AZ100ELT23DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100ELT23DG ETC-AZ100ELT23DG Datasheet
62Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT23DG AZM-AZ100ELT23DG Datasheet
67Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
More results

Similar Description - AZ100ELT23DG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT23 ETC-AZ100ELT23 Datasheet
62Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT23 AZM-AZ100ELT23 Datasheet
67Kb / 5P
   Dual Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com