Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL16VT Datasheet(PDF) 6 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VT
Description  PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VT Datasheet(HTML) 6 Page - Arizona Microtek, Inc

  AZ100LVEL16VT_12 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VT_12 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Arizona Microtek, Inc.
AZ100LVEL16VT
PECL/ECL Oscillator Gain Stage
& Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
6
Request a Sample
May 2012, Rev 2.0
PERFORMANCE DATA
Table 3 – Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Condition
Rating
Unit
VCC
PECL Power Supply
VEE = 0V
0 to + 6.0
V
VI
PECL Input Voltage
VEE = 0V
0 to + 6.0
V
VD/D¯
D/D
¯ Input Voltage
Referenced to VBB
±0.75
V
IOUT
Output Current
Continuous Q/Q
¯
25
mA
Surge Q/Q
¯
50
Continuous QHG/Q
¯HG
50
Surge QHG/Q
¯HG
100
TA
Operating Temperature Range
-
-40 to +85
°C
TSTG
Storage Temperature Range
-
-65 to +150
°C
ESDHBM
Human Body Model Electro Static Discharge
-
2500
V
ESDMM
Machine Model Electro Static Discharge
-
200
V
ESDCDM
Charged Device Model Electro Static Discharge
-
2000
V
Table 4 - 100K ECL DC Characteristics
100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
Symbol
Characteristic
-40
°C
0
°C
25
°C
85
°C
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
1
-1045
-835
-1025
-835
-1025
-835
-1025
-835
mV
VOL
Output LOW Voltage
1
-1925
-1555
-1900
-1620
-1900
-1620
-1900
-1620
mV
VBB
Reference Voltage
-1390
-1250
-1390
-1250
-1390
-1250
-1390
-1250
mV
VIH
Input HIGH Voltage D/D
¯, EN
¯¯
-1165
-740
-1165
-740
-1165
-740
-1165
-740
mV
VIL
Input LOW Voltage D/D
¯, EN
¯¯
-1900
-1475
-1900
-1475
-1900
-1475
-1900
-1475
mV
IIH
Input HIGH Current EN
¯¯
150
150
150
150
µA
IIL
Input LOW Current EN
¯¯
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
1
48
48
48
54
mA
1.
Specified with QHG/Q
¯ HG terminated through 50Ω resistors to VCC - 2V.


Similar Part No. - AZ100LVEL16VT_12

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VTL AZM-AZ100LVEL16VTL Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTL++ AZM-AZ100LVEL16VTL+ Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA AZM-AZ100LVEL16VTNA Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA++ AZM-AZ100LVEL16VTNA+ Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA++ AZM-AZ100LVEL16VTNA+ Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZ100LVEL16VT_12

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com