Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL33 Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZ100LVEL33
Description  ECL/PECL 첨4 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL33 Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZ100LVEL33_11 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL33_11 Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AZ100LVEL33
April 2011 * REV - 13
www.azmicrotek.com
3
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND; VCC = +3.0V to +5.5V)
-40
C
0
C
25
C
85
C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
Frequency
4.2
4.2
4.2
4.2
GHz
tPLH / tPHL
Propagation Delay
CLK, CLK
¯¯¯ to Q/Q
¯
RESET to Q/Q
¯
360
310
450
460
540
610
320
340
460
460
550
580
380
360
470
460
560
560
400
380
490
480
580
580
ps
tRR
Reset Recovery
300
300
300
300
ps
tskew
Within-Device Skew
20
20
20
20
ps
VPP (AC)
Input Swing
1
150
1000
150
1000
150
1000
150
1000
mV
VCMR
Common Mode Range
2
Vpp
 500mV
Vpp
 500mV
VEE +
1.2
1.4
VCC -
0.4
0.4
VEE +
1.1
1.3
VCC -
0.4
0.4
VEE +
1.1
1.3
VCC -
0.4
0.4
VEE +
1.1
1.3
VCC -
0.4
0.4
V
tr / tf
Output Rise/Fall Times
Q/Q
¯ (20% - 80%)
100
260
100
260
100
260
100
260
ps
1.
VPP is the peak-to-peak differential input swing for which AC parameters are guaranteed.
2.
VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level
must be such that VPP is within the differential input swing range specified.
CLK
RESET
Q
Figure 1. Timing Diagram
200
300
400
500
600
700
800
900
0
1000
2000
3000
4000
5000
Typical Large Signal Output Swing, Q/Q
¯
INPUT FREQUENCY (MHz)
Measured with 750mv D input, Q/Q
¯ each terminated to VCC-2V via 50 Ω resistors.
fOUT=fIN÷4


Similar Part No. - AZ100LVEL33_11

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL33D AZM-AZ100LVEL33D Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33NG AZM-AZ100LVEL33NG Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33T AZM-AZ100LVEL33T Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
More results

Similar Description - AZ100LVEL33_11

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_11 Datasheet
103Kb / 7P
   ECL/PECL 2 Divider
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com