Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100LVEL32 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100LVEL32
Description  ECL/PECL 2 Divider
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL32 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100LVEL32 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL32 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL32 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL32 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL32 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL32 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL32 Datasheet HTML 7Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AZ100LVEL32
ECL/PECL
 2 Divider
1630 S. STAPLEY DR., SUITE 127
 MESA, ARIZONA 85204  USA  (480) 962-5881  FAX (623) 505-2414
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
Operating Range of 3.0V to 5.5V
470ps Propagation Delay
3.0+ GHz Toggle Frequency
High Bandwidth Output Transitions
Direct Replacement for ON
Semiconductor MC100EL/LVEL32
>2 kV HBM ESD Protection
Additional ESD Data Available on
Arizona Microtek Website
DESCRIPTION
The AZ100LVEL32 is an integrated
÷2 divider. The reset pin is asynchronous and is asserted on the rising edge.
Upon power-up, the internal flip-flop will attain a random logic state; the reset allows for the synchronization of
multiple LVEL32’s in a system.
The LVEL32 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the device.
For single-ended input applications, the VBB reference should be connected to one side of the CLK/CLK
¯¯¯¯ differential
input pair. The input signal is then fed to the other CLK/CLK
¯¯¯¯ input. The VBB pin should be used only as a bias for
the LVEL32 as its sink/source capability is limited. When used, the VBB pin should be bypassed to ground via a
0.01
F capacitor.
NOTE: Specifications in ECL/PECL tables are valid when thermal equilibrium is established.
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
1
4
3
2
6
5
7
8
R
÷2
RESET
CLK
CLK
VBB
VCC
Q
Q
VEE
PIN DESCRIPTION
PIN
FUNCTION
CLK, CLK
¯¯¯
Clock Inputs
RESET
Asynchronous Reset
VBB
Reference Voltage Output
Q, Q
¯
Data Outputs
VCC
Positive Supply
VEE
Negative Supply
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
SOIC 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL32DG
AZM100G
LVEL32
1,2
MSOP 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100LVEL32TG
AZHG
LV32
1,2
MLP 8 (2x2) Green
/ RoHS Compliant /
Lead (Pb) Free
AZ100LVEL32NG
C2G
<Date Code>
1,3
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week on
underside of part.
3
Date code format: “Y” for year followed by “WW” for week.


Similar Part No. - AZ100LVEL32

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32DG AZM-AZ100LVEL32DG Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32DG AZM-AZ100LVEL32DG Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
AZ100LVEL32DG AZM-AZ100LVEL32DG Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
AZ100LVEL32NG AZM-AZ100LVEL32NG Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
More results

Similar Description - AZ100LVEL32

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL32 AZM-AZ100LVEL32_12 Datasheet
548Kb / 9P
   PECL/ECL 2 Divider
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
AZ100LVEL58 AZM-AZ100LVEL58_12 Datasheet
464Kb / 8P
   PECL/ECL 2:1 Multiplexer
AZ10EL58 AZM-AZ10EL58 Datasheet
73Kb / 6P
   ECL/PECL 2:1 Multiplexer
AZ100LVEL58 AZM-AZ100LVEL58 Datasheet
74Kb / 6P
   ECL/PECL 2:1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com