Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP51 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZP51
Description  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP51 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZP51 Datasheet HTML 1Page - Arizona Microtek, Inc AZP51 Datasheet HTML 2Page - Arizona Microtek, Inc AZP51 Datasheet HTML 3Page - Arizona Microtek, Inc AZP51 Datasheet HTML 4Page - Arizona Microtek, Inc AZP51 Datasheet HTML 5Page - Arizona Microtek, Inc AZP51 Datasheet HTML 6Page - Arizona Microtek, Inc AZP51 Datasheet HTML 7Page - Arizona Microtek, Inc AZP51 Datasheet HTML 8Page - Arizona Microtek, Inc AZP51 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Arizona Microtek, Inc.
AZP51
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
2
Request a Sample
May 2012, Rev 2.1
PIN DESCRIPTION AND CONFIGURATION
Table 1 - Pin Description
Pin
Name
Type
Function
1
VDD
Power
Positive Supply
2
GND
Power
Negative Supply
3
D
Input
Sine or CMOS Input
4
EN
Input
Enable
5
Q
Output
LVPECL Output
6
Q
Output
LVPECL Output
ENGINEERING NOTES
FUNCTIONALITY
The AZP51 is one of a family of parts that provide options of fixed ÷1, fixed ÷2 and selectable ÷1, ÷2 modes as well as
active high enable or active low enable to oscillator designers. Table 2 details the differences between the parts to assist
designers in selecting the optimal part for their design.
Table 3 lists the specific AZP51 functional operation.
Figure 2 plots the S-parameters of the D input. S-parameter and IBIS model files for the AZP51 are also available for
download.
Table 2 - AZP51-54 & AZP63 Family
Part Number
Divide Ratio
EN Logic
EN pull-
up/pull-down
Bandwidth
AZP51
÷1
active HIGH
Pull-up
> 800MHz
AZP52
÷2
active HIGH
Pull-up
> 800MHz
AZP53
Selectable ÷1 or ÷2
selectable
selectable
> 800MHz
AZP54
÷1
active LOW
Pull-down
> 800MHz
AZP63
Selectable ÷1 or ÷2
selectable
selectable
≥ 1GHz
Figure 1 – Pin Configuration
1
VDD
3
D
2
GND
6
Q
4
EN
5
Q


Similar Part No. - AZP51

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
More results

Similar Description - AZP51

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com