Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP53PG Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZP53PG
Description  Low Phase Noise Sine Wave/CMOS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53PG Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZP53PG Datasheet HTML 1Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 2Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 3Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 4Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 5Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 6Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 7Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 8Page - Arizona Microtek, Inc AZP53PG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.azmicrotek.com
1630 S Stapley Dr, Suite 127
+1-480-962-5881
Mesa, AZ 85204 USA
Request a Sample
May 2012, Rev 2.1
DESCRIPTION
The AZP53 is a sine wave/CMOS to LVPECL buffer/divider optimized for
very low phase noise (-165dBc/Hz). It is particularly useful in converting
crystal or SAW based oscillators into LVPECL outputs for up 800MHz of
bandwidth. For greater bandwidth, refer to the AZP63.
The AZP53 is one of a family of parts that provide options of fixed ÷1,
fixed ÷2 and selectable ÷1, ÷2 modes as well as active high enable or active
low enable to oscillator designers. Refer to Table 2 for the comparison of
parts within the AZP5x and AZP63 family.
BLOCK DIAGRAM
FEATURES
• LVPECL outputs optimized
for very low phase noise
(-165dBc/Hz)
• Up to 800MHz bandwidth
• Selectable ÷1, ÷2 output
• Selectable Enable logic
• 3.0V to 3.6V operation
APPLICATIONS
• Converting crystal or SAW
based oscillators to LVPECL
output
PACKAGE AVAILABILITY
Available in die
• QFN8
• SON8
Green/RoHS Compliant/Pb-Free
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
Order Number
Package
Marking
AZP53PG
1
QFN8
D3 <Date Code>
2
AZP53QG
1
SON8
D <Date Code>
2
1 Tape & Reel - Add 'R1' at end of order number for 7in (1k parts), 'R2' (2.5k) for 13in
2 See www.azmicrotek.com for date code format
www.azmicrotek.com


Similar Part No. - AZP53PG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP53PG AZM-AZP53PG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP53PG AZM-AZP53PG Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
More results

Similar Description - AZP53PG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
logo
Advanced XTAL Products
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
   Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com