Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP63 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZP63
Description  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP63 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZP63 Datasheet HTML 1Page - Arizona Microtek, Inc AZP63 Datasheet HTML 2Page - Arizona Microtek, Inc AZP63 Datasheet HTML 3Page - Arizona Microtek, Inc AZP63 Datasheet HTML 4Page - Arizona Microtek, Inc AZP63 Datasheet HTML 5Page - Arizona Microtek, Inc AZP63 Datasheet HTML 6Page - Arizona Microtek, Inc AZP63 Datasheet HTML 7Page - Arizona Microtek, Inc AZP63 Datasheet HTML 8Page - Arizona Microtek, Inc AZP63 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.azmicrotek.com
1630 S Stapley Dr, Suite 127
+1-480-962-5881
Mesa, AZ 85204 USA
Request a Sample
May 2012, Rev 2.1
DESCRIPTION
The AZP63 is a sine wave/CMOS to LVPECL buffer/divider optimized for
very low phase noise (-165dBc/Hz). It is particularly useful in converting
crystal or SAW based oscillators into LVPECL outputs for greater than
1GHz of bandwidth.
For lower power consumption and reduced
bandwidth, refer to the AZP5x family.
The AZP63 is one of a family of parts that provide options of fixed ÷1,
fixed ÷2 and selectable ÷1, ÷2 modes as well as active high enable or active
low enable to oscillator designers. Refer to Table 2 for the comparison of
parts within the AZP5x and AZP63 family.
BLOCK DIAGRAM
FEATURES
• LVPECL outputs optimized
for very low phase noise
(-165dBc/Hz)
• High bandwidth, > 1GHz
• Selectable ÷1, ÷2 output
• Selectable Enable logic
• 3.0V to 3.6V operation
APPLICATIONS
• Converting crystal or SAW
based oscillators to LVPECL
output
PACKAGE AVAILABILITY
• Available in die
• SON8
Green/RoHS Compliant/Pb-Free
AZP63
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
Order Number
Package
Marking
AZP63QG
1
SON8
E <Date Code>
2
1 Tape & Reel - Add 'R1' at end of order number for 7in (1k parts), 'R2' (2.5k) for 13in
2 See www.azmicrotek.com for date code format
www.azmicrotek.com


Similar Part No. - AZP63

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP63QG AZM-AZP63QG Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
More results

Similar Description - AZP63

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com