Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZPB70 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZPB70
Description  Programmer Board Kit for AZT70/71
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZPB70 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZPB70 Datasheet HTML 1Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 2Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 3Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 4Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 5Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 6Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 7Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 8Page - Arizona Microtek, Inc AZPB70 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Arizona Microtek, Inc.
AZPB70
Programmer Board for AZT70/71
www.azmicrotek.com
+1-480-962-5881
2
Request a Sample
May 2012, Rev 1.2
HARDWARE OVERVIEW
The AZPB70 programmer board comes with all the hardware listed in Table 1. These hardware parts are necessary to
complete the setup shown in Figure 1 which is used to evaluate the AZT70 and AZT71 capacitive tuning ICs. For
production programming and measurement, the AZT70/71 should be soldered onto the oscillator PCB board where the 3
programming pins are accessible through the PCB substrate (Figure 2). Figure 3 and Figure 4 detail the top & bottom
views of the programmer board, respectively.
Measurement
device
RESONATOR
OUT
OSCILLATOR
X1
6 pin ribbon cable
USB Cable
Programmer PCB
Socket adapter board
Figure 1 – AZPB70 Hardware setup for evaluation
Measurement
device
RESONATOR
OUT
OSCILLATOR
USB Cable
Programmer PCB
DA
CLK
PV
X1
Programming pins accessed
through PCB substrate
AZT70/71
6 pin ribbon
cable
Figure 2 – AZPB70 hardware setup for production


Similar Part No. - AZPB70

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Similar Description - AZPB70

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Schneider Electric
VW3A93120 SCHNEIDER-VW3A93120 Datasheet
72Kb / 1P
   Metal substitution kit for ATV61/71 - to ATV600/900
Jan 13, 2021
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Abracon Corporation
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
   Programmer for PureSilicon Oscillators
05/16/11
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Melexis Microelectronic...
PTC04 MELEXIS-PTC04 Datasheet
630Kb / 15P
   Programmer for Melexis PTC Devices
logo
Freescale Semiconductor...
KTPFPGMEVMEUG FREESCALE-KTPFPGMEVMEUG Datasheet
2Mb / 48P
   KITPFPGMEVME Programmer for PF Series Devices
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com