Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM364020GS-60 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYM364020GS-60
Description  4M x 36-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM364020GS-60 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYM364020GS-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM364020GS-60 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Semiconductor Group
6
HYM 364020S/GS-60
4M
× 36-Bit
DC Characteristics1) (cont’d)
Capacitance
T
A = 0 to 70 °C, VCC = 5 V ± 10 %, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
max.
Average
V
CC supply current
during fast page mode
(RAS =
V
IL, CAS, address cycling,
t
PC = tPC min)
-60 version
I
CC4
920
mA
mA
2),3),4)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
–12
mA
Average
V
CC supply current
during CAS-before-RAS refresh mode
(RAS, CAS cycling,
t
RC = tRC min)
-60 version
I
CC6
2),4)
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A10, WE)
C
I1
–75
pF
Input capacitance (RAS0, RAS2)
C
I2
–45
pF
Input capacitance (CAS0 - CAS3)
C
I3
–25
pF
I/O capacitance
(DQ0-DQ7,DQ9-DQ16,DQ18-DQ25,DQ27-DQ34)
C
IO1
–15
pF
I/O capacitance (DQ8,DQ17,DQ26,DQ35)
C
IO2
–25
pF


Similar Part No. - HYM364020GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364025GS-50 SIEMENS-HYM364025GS-50 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025GS-60 SIEMENS-HYM364025GS-60 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025S-50 SIEMENS-HYM364025S-50 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM364025S-60 SIEMENS-HYM364025S-60 Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results

Similar Description - HYM364020GS-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com