Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTPS8085P_1105 Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTPS8085P_1105
Description  Peak Emission Wavelength: 850nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS8085P_1105 Datasheet(HTML) 2 Page - Marktech Corporate

  MTPS8085P_1105 Datasheet HTML 1Page - Marktech Corporate MTPS8085P_1105 Datasheet HTML 2Page - Marktech Corporate MTPS8085P_1105 Datasheet HTML 3Page - Marktech Corporate MTPS8085P_1105 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit: mm, Tolerance: ±0.2
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
Infrared Point Source Emitter
Product No:
MTPS8085P
2
2011-05-23


Similar Part No. - MTPS8085P_1105

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS8085P MARKTECH-MTPS8085P_11 Datasheet
787Kb / 4P
   Infrared Point Source LED
More results

Similar Description - MTPS8085P_1105

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8560P MARKTECH-MTE8560P Datasheet
535Kb / 2P
   Peak Emission Wavelength: 850nm
MT5850_IR MARKTECH-MT5850_IR Datasheet
573Kb / 2P
   Peak Emission Wavelength: 850nm
MTE8600M2 MARKTECH-MTE8600M2 Datasheet
484Kb / 3P
   Peak Emission Wavelength: 850nm
MTE8600C MARKTECH-MTE8600C Datasheet
613Kb / 3P
   Peak Emission Wavelength: 850nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
   Peak Emission Wavelength: 850nm
MTPS9085NJ1 MARKTECH-MTPS9085NJ1 Datasheet
558Kb / 3P
   Peak Emission Wavelength: 850nm
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   Peak Emission Wavelength: 850nm
MTE8600N5 MARKTECH-MTE8600N5 Datasheet
604Kb / 3P
   Peak Emission Wavelength: 850nm
MTPS2085BSL MARKTECH-MTPS2085BSL Datasheet
591Kb / 3P
   Peak Emission Wavelength: 850nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com