Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566C-RFS Datasheet(PDF) 6 Page - Marktech Corporate

Part # C566C-RFS
Description  Cree짰 5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-RFS Datasheet(HTML) 6 Page - Marktech Corporate

Back Button C566C-RFS Datasheet HTML 2Page - Marktech Corporate C566C-RFS Datasheet HTML 3Page - Marktech Corporate C566C-RFS Datasheet HTML 4Page - Marktech Corporate C566C-RFS Datasheet HTML 5Page - Marktech Corporate C566C-RFS Datasheet HTML 6Page - Marktech Corporate C566C-RFS Datasheet HTML 7Page - Marktech Corporate C566C-RFS Datasheet HTML 8Page - Marktech Corporate C566C-RFS Datasheet HTML 9Page - Marktech Corporate C566C-RFS Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Amber
C566C-AFS-CU0W0251
1520
4180
A2
584
A5
596
Bulk
Yes
Amber
C566C-AFS-CU0V0341
1520
3000
A3
587
A4
593
Bulk
Yes
Amber
C566C-AFS-CV0W0341
2130
4180
A3
587
A4
593
Bulk
Yes
Amber
C566C-AFN-CU0W0251
1520
4180
A2
584
A5
596
Bulk
No
Amber
C566C-AFN-CU0V0341
1520
3000
A3
587
A4
593
Bulk
No
Amber
C566C-AFN-CV0W0341
2130
4180
A3
587
A4
593
Bulk
No
Amber
C566C-AFS-CU0W0252
1520
4180
A2
584
A5
596
Ammo
Yes
Amber
C566C-AFS-CU0V0342
1520
3000
A3
587
A4
593
Ammo
Yes
Amber
C566C-AFS-CV0W0342
2130
4180
A3
587
A4
593
Ammo
Yes
Amber
C566C-AFN-CU0W0252
1520
4180
A2
584
A5
596
Ammo
No
Amber
C566C-AFN-CU0V0342
1520
3000
A3
587
A4
593
Ammo
No
Amber
C566C-AFN-CV0W0342
2130
4180
A3
587
A4
593
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin, single color-bin codes
will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - C566C-RFS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-RFS CREE-C566C-RFS Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS-CT0W0BB1 CREE-C566C-RFS-CT0W0BB1 Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS-CT0W0BB2 CREE-C566C-RFS-CT0W0BB2 Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS-CU0V0BB1 CREE-C566C-RFS-CU0V0BB1 Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS-CU0V0BB2 CREE-C566C-RFS-CU0V0BB2 Datasheet
652Kb / 10P
   5mm Oval LED
More results

Similar Description - C566C-RFS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
   Cree짰 5mm Round LED
logo
Cree, Inc
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
   Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
   Cree짰 5mm Round LED
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Cree, Inc
C566C-RFS CREE-C566C-RFS Datasheet
652Kb / 10P
   5mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com