Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503B-BAN-CZ0A0452 Datasheet(PDF) 7 Page - Marktech Corporate

Part # C503B-BAN-CZ0A0452
Description  Cree짰 5-mm Blue and Green Round LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-BAN-CZ0A0452 Datasheet(HTML) 7 Page - Marktech Corporate

Back Button C503B-BAN-CZ0A0452 Datasheet HTML 2Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 3Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 4Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 5Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 6Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 7Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 8Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 9Page - Marktech Corporate C503B-BAN-CZ0A0452 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CLD-CT1094.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
FORWARD CURRENT
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
0
30
10
20
50
40
40
20
80
60
100
0
Ta( C)
FIG.5 BLUE & GREEN MAXIMUM FORWARD
DCCURRENT VS AMBIENT
TEMPERATURE (Tjmax=105 C)
FIG.7 FAR FIELD PATTERN
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
50% Power Angle : 30
FIG.6 FAR FIELD PATTERN
50% Power Angle : 15
IF(mA)
VF(V)
IF (mA)
0.0
1.0
4.0
2.0
3.0
5.0
60
20
40
100
80
0
Green
Blue
3.8
3.0
3.4
3.2
3.6
4.0
20.0
40.0
80.0
60.0
100.0
0.0
Blue
Green
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
Blue
Green
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
Angle
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
Angle
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
-10
VS. REVERSE VOLTAGE.
FIG.3 BLUE&GREEN REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parameters of each single LED. Hence, these data will be changed without further notice.


Similar Part No. - C503B-BAN-CZ0A0452

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-BAN CREE-C503B-BAN Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
More results

Similar Description - C503B-BAN-CZ0A0452

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
   5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
   5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com