Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503C-WAN-CCaDa232 Datasheet(PDF) 5 Page - Marktech Corporate

Part # C503C-WAN-CCaDa232
Description  Cree짰 5-mm Round LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C-WAN-CCaDa232 Datasheet(HTML) 5 Page - Marktech Corporate

  C503C-WAN-CCaDa232 Datasheet HTML 1Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 2Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 3Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 4Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 5Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 6Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 7Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 8Page - Marktech Corporate C503C-WAN-CCaDa232 Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT1098.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Package
Standoff
Min.
Max.
Cool White
C503C-WAS-CBaDa151
15
16800
39500
W1,W2,W3,W4,W5
Bulk
Yes
Cool White
C503C-WAS-CBbDa231
15
20150
39500
W2,W3
Bulk
Yes
Cool White
C503C-WAS-CCaDa231
15
23500
39500
W2,W3
Bulk
Yes
Cool White
C503C-WAN-CBaDa151
15
16800
39500
W1,W2,W3,W4,W5
Bulk
No
Cool White
C503C-WAN-CBbDa231
15
20150
39500
W2,W3
Bulk
No
Cool White
C503C-WAN-CCaDa231
15
23500
39500
W2,W3
Bulk
No
Cool White
C503C-WAS-CBaDa152
15
16800
39500
W1,W2,W3,W4,W5
Ammo
Yes
Cool White
C503C-WAS-CBbDa232
15
20150
39500
W2,W3
Ammo
Yes
Cool White
C503C-WAS-CCaDa232
15
23500
39500
W2,W3
Ammo
Yes
Cool White
C503C-WAN-CBaDa152
15
16800
39500
W1,W2,W3,W4,W5
Ammo
No
Cool White
C503C-WAN-CBbDa232
15
20150
39500
W2,W3
Ammo
No
Cool White
C503C-WAN-CCaDa232
15
23500
39500
W2,W3
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped in each bulk or ammo pack. And single intensity-bin code
and single color-bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - C503C-WAN-CCaDa232

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAN-CCaDa232 CREE-C503C-WAN-CCaDa232 Datasheet
722Kb / 9P
   5-mm Round LED
More results

Similar Description - C503C-WAN-CCaDa232

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
   Cree짰 5-mm Blue and Green Round LED
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
   Cree짰 5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
   Cree짰 5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com