Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLN6A-WKW-CJ0L0153 Datasheet(PDF) 7 Page - Marktech Corporate

Part # CLN6A-WKW-CJ0L0153
Description  The CLN6A LED delivers superior value with common voltage, current, size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLN6A-WKW-CJ0L0153 Datasheet(HTML) 7 Page - Marktech Corporate

Back Button CLN6A-WKW-CJ0L0153 Datasheet HTML 3Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 4Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 5Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 6Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 7Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 8Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 9Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 10Page - Marktech Corporate CLN6A-WKW-CJ0L0153 Datasheet HTML 11Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
CLD-CT979.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Graphs
FIG.4 RELATIVE SPECTRAL POWER DISTRIBUTION
FIG.5 MAXIMUM FORWARD DC CURRENT VS AMBIENT
TEMPERATURE. DERATING BASED ON Tjmax=125 C
IF(mA)
5.0
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
3.4
0.0
200
400
300
500
4.2
3.8
4.6
600
If (mA)
Vf(V)
3.0
400
FIG.2 RELATIVE LUMINOUS FLUX VS.
0.5
0.0
FORWARD CURRENT
0.0
200
100
300
1.0
1.5
2.0
2.5
500
If(mA)
100
FIG.3 RELATIVE LUMINOUS FLUX VS AMBIENT
TEMPERATURE DERATING BASED ON Tjmax=125 C
20
0.0
0
60
40
80
1.0
0.5
Ta ( C)
100
20
0
60
40
80
Ta ( C)
0.0
100
300
200
400
500
FIG.6 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 115
Angle
WL(nm)
80%
20%
40%
60%
0%
100%
600
400
500
450
550
650
700
(RELATIVE RADIANT POWER)
750
5000K - 10000K CCT
3700K - 5000K CCT
2600K - 3700K CCT
(RELATIVE LUMINOUS FLUX)
(RELATIVE LUMINOUS FLUX)
(RELATIVE LUMINOUS FLUX)
2.6
600


Similar Part No. - CLN6A-WKW-CJ0L0153

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLN6A-WKW-CJ0L0153 CREE-CLN6A-WKW-CJ0L0153 Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
More results

Similar Description - CLN6A-WKW-CJ0L0153

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A_15 Datasheet
672Kb / 12P
   The CLN6A LED delivers superior value with common voltage, current, size
logo
Pepperl+Fuchs Inc.
KFD2-GS-1.2W PF-KFD2-GS-1.2W Datasheet
1Mb / 6P
   Current/Voltage Trip Value
logo
TEMEX
RXO7050S TEMEX-RXO7050S Datasheet
668Kb / 8P
   The RXO7050S performance clock oscillator delivers
logo
Marktech Corporate
CLN6A MARKTECH-CLN6A Datasheet
672Kb / 12P
   CLN6A-WKW/MKW
logo
Emerson Network Power
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
   Delivers up to 30A output current
logo
Maxim Integrated Produc...
MAX20079EVKIT MAXIM-MAX20079EVKIT Datasheet
1Mb / 10P
   Delivers Up to 3.5A Output Current
Rev 0; 10/18
logo
TEMEX
RXO7050R TEMEX-RXO7050R Datasheet
628Kb / 7P
   The RXO7050R XO delivers high performance with low RMS phase jitter
logo
Emerson Network Power
ALQ12 EMERSON-NETWORKPOWER-ALQ12 Datasheet
103Kb / 2P
   Delivers up to 12 A output current (6.3 A for the 8 Vo)
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
   Delivers up to 25 A output current
logo
TEMEX
RXO2520S TEMEX-RXO2520S Datasheet
529Kb / 7P
   The RXO2520S performance clock oscillator delivers high performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com