Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q3018 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67100-Q3018
Description  8M x 36-Bit EDO-DRAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q3018 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67100-Q3018 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q3018 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Semiconductor Group
1
8M
× 36-Bit EDO-DRAM Module
HYM 368035S/GS-60
Advanced Information
8 388 608 words by 36-Bit organization in 2 banks
Fast access and cycle time
60 ns RAS access time
15 ns CAS access time
104 ns cycle time
Hyper page mode (EDO) capability
25 ns cycle time
Single + 5 V (
± 10 %) supply
Low power dissipation
max. 7260 mW active
CMOS – 132 mW standby
TTL
– 264 mW standby
CAS-before-RAS refresh
RAS-only-refresh
Hidden-refresh
24 decoupling capacitors mounted on substrate
All inputs, outputs and clocks fully TTL compatible
72 pin Single in-Line Memory Module (L-SIM-72-17) with 31.75 mm (1250 mil) height
Utilizes 24 4M x 3 DRAM’s in 300 mil SOJ packages
2048 refresh cycles / 32 ms
Optimized for use in byte-write parity applications
Tin-Lead contact pads (HYM 368035S-60)
Gold contact pads (HYM 368035GS-60)
4.96


Similar Part No. - Q67100-Q3018

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q3016 SIEMENS-Q67100-Q3016 Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
Q67100-Q3017 SIEMENS-Q67100-Q3017 Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
More results

Similar Description - Q67100-Q3018

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM328025S SIEMENS-HYM328025S Datasheet
56Kb / 11P
   8M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com