Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXA-XHHKKMN1 Datasheet(PDF) 9 Page - Marktech Corporate

Part # CCCCC-DXA-XHHKKMN1
Description  Cree짰 PLCC2 1-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHKKMN1 Datasheet(HTML) 9 Page - Marktech Corporate

Back Button CCCCC-DXA-XHHKKMN1 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 9Page - Marktech Corporate CCCCC-DXA-XHHKKMN1 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CLD-CT1041.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:


Similar Part No. - CCCCC-DXA-XHHKKMN1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMN1 MARKTECH-CCCCC-DXA-XHHKKMN1 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMN1 MARKTECH-CCCCC-DXA-XHHKKMN1 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXA-XHHKKMN1 MARKTECH-CCCCC-DXA-XHHKKMN1 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXA-XHHKKMN1 MARKTECH-CCCCC-DXA-XHHKKMN1 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMN1 MARKTECH-CCCCC-DXA-XHHKKMN1 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMN1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1T-RKW CREE-CLM1T-RKW Datasheet
660Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com