Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXW-XHHKKMNT Datasheet(PDF) 4 Page - Marktech Corporate

Part # CCCCC-DXW-XHHKKMNT
Description  Cree짰 PLCC6 3-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXW-XHHKKMNT Datasheet(HTML) 4 Page - Marktech Corporate

  CCCCC-DXW-XHHKKMNT Datasheet HTML 1Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 2Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 3Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 4Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 5Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 6Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 7Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 8Page - Marktech Corporate CCCCC-DXW-XHHKKMNT Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT1020.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Color Bin Limit (I
F = 3 x 50 mA)
Cool White
Bin
Code
Sub-
bin
x
y
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345
Tolerance of measurement of the color coordinates is ±0.01.
Warm White
Bin
Code
Sub-
bin
x
y
M1
Ma
0.3610
0.3900
0.3576
0.3651
0.3751
0.3783
0.3820
0.4075
Mb
0.3576
0.3651
0.3541
0.3401
0.3682
0.3491
0.3749
0.3781
Mc
0.3820
0.4075
0.3751
0.3783
0.3926
0.3915
0.4030
0.4250
Md
0.3751
0.3783
0.3682
0.3491
0.3822
0.3580
0.3926
0.3915
Bin
Code
Sub-
bin
x
y
M2
Me
0.4030
0.4250
0.3926
0.3915
0.4118
0.4021
0.4260
0.4390
Mf
0.3926
0.3915
0.3822
0.3580
0.3976
0.3653
0.4118
0.4021
Mg
0.4260
0.4390
0.4118
0.4021
0.4310
0.4128
0.4490
0.4530
Mh
0.4118
0.4021
0.3976
0.3653
0.4129
0.3725
0.4310
0.4128
Bin
Code
Sub-
bin
x
y
M3
Mj
0.4490
0.4530
0.4310
0.4128
0.4572
0.4203
0.4785
0.4625
Mk
0.4310
0.4128
0.4129
0.3726
0.4359
0.3782
0.4572
0.4203
Mm
0.4785
0.4625
0.4572
0.4203
0.4834
0.4279
0.5080
0.4720
Mn
0.4572
0.4203
0.4359
0.3782
0.4588
0.3838
0.4834
0.4279
Tolerance of measurement of the color coordinates is ±0.01.


Similar Part No. - CCCCC-DXW-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXW-XHHKKMNT MARKTECH-CCCCC-DXW-XHHKKMNT Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXW-XHHKKMNT MARKTECH-CCCCC-DXW-XHHKKMNT Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXW-XHHKKMNT MARKTECH-CCCCC-DXW-XHHKKMNT Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXW-XHHKKMNT MARKTECH-CCCCC-DXW-XHHKKMNT Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXW-XHHKKMNT MARKTECH-CCCCC-DXW-XHHKKMNT Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXW-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com