Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566C-GFS-CW0X0892 Datasheet(PDF) 10 Page - Marktech Corporate

Part # C566C-GFS-CW0X0892
Description  Cree짰 5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C566C-GFS-CW0X0892 Datasheet(HTML) 10 Page - Marktech Corporate

Back Button C566C-GFS-CW0X0892 Datasheet HTML 2Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 3Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 4Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 5Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 6Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 7Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 8Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 9Page - Marktech Corporate C566C-GFS-CW0X0892 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Package
Features:
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
• The boxes are not water-resistant, and they must be kept away from water and moisture.
• There are two types of packaging: bulk pack and ammo pack.
• Max 500 pcs per bulk and max 2500 pcs per ammo.
Bulk Pack Packaging Type:
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R
Ammo Pack Packaging Type:
TYPE
LXXXXXXXX-XXX
PCS
X
QTY
RANK
LOT
Iv
JOWAXXXXX -XX-XXX
XX
AXXXXXXXXXXX
XX
Vf
Hue
(
)
(
)
(
)
xxx xxx
COLOR LED LAMP
ANODE


Similar Part No. - C566C-GFS-CW0X0892

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS-CW0X0892 CREE-C566C-GFS-CW0X0892 Datasheet
652Kb / 10P
   5mm Oval LED
More results

Similar Description - C566C-GFS-CW0X0892

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
   Cree짰 5mm Round LED
C503T-WAN CREE-C503T-WAN Datasheet
1,014Kb / 10P
   Cree짰 5mm Round LED
logo
Marktech Corporate
C535A-WJN MARKTECH-C535A-WJN Datasheet
509Kb / 9P
   Cree짰 5mm Round LED
C503D-WAN MARKTECH-C503D-WAN Datasheet
701Kb / 9P
   Cree짰 5mm Round LED
logo
Cree, Inc
C543A-WMN CREE-C543A-WMN Datasheet
876Kb / 13P
   Cree짰 5mm Round LED
C534T-WLN CREE-C534T-WLN Datasheet
845Kb / 9P
   Cree짰 5mm Round LED
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
logo
Cree, Inc
C566C-RFS CREE-C566C-RFS Datasheet
652Kb / 10P
   5mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com