Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXA-XHHKKMN2 Datasheet(PDF) 2 Page - Marktech Corporate

Part # CCCCC-DXA-XHHKKMN2
Description  Cree짰 PLCC4 1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHKKMN2 Datasheet(HTML) 2 Page - Marktech Corporate

  CCCCC-DXA-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CLD-CT1086.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
70
mA
Peak Forward Current Note
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
210
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
300
°C/W
Junction/Solder Point
R
THJS
150
°C/W
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note: Pulse width ≤10 msec, duty cycle ≤10%.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 50 mA
V
2.5
3.0
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
10
Dominant Wavelength
Red
λ
D
I
F = 50 mA
nm
618
624
630
Amber
λ
D
I
F = 50 mA
nm
584
591
599
Luminous Intensity
Red
I
V
I
F = 50 mA
mcd
2240
3700
Amber
I
V
I
F = 50 mA
mcd
3550
5000
50% Power Angle
Red/Amber
2θ½
I
F = 50 mA
deg
60


Similar Part No. - CCCCC-DXA-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMN2 MARKTECH-CCCCC-DXA-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
   Cree짰 PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLA1A-WKW MARKTECH-CLA1A-WKW Datasheet
542Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com