Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXB-XHHKKMNT Datasheet(PDF) 7 Page - Marktech Corporate

Part # CCCCC-DXB-XHHKKMNT
Description  Cree짰 P4 LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXB-XHHKKMNT Datasheet(HTML) 7 Page - Marktech Corporate

  CCCCC-DXB-XHHKKMNT Datasheet HTML 1Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 2Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 3Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 4Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 5Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 6Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 7Page - Marktech Corporate CCCCC-DXB-XHHKKMNT Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
CLD-CT868.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree LED are registered trademarks of Cree, Inc.
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:


Similar Part No. - CCCCC-DXB-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXB-XHHKKMNT MARKTECH-CCCCC-DXB-XHHKKMNT Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXB-XHHKKMNT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP42B-RKS MARKTECH-CP42B-RKS Datasheet
519Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES Datasheet
651Kb / 9P
   Cree짰 P4 LED
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
   Cree짰 P4 LED
CP43T-RGS CREE-CP43T-RGS Datasheet
743Kb / 8P
   Cree짰 P4 LED
CP41T-RDS CREE-CP41T-RDS Datasheet
837Kb / 9P
   Cree짰 P4 LED
logo
Marktech Corporate
CP41B-RDS MARKTECH-CP41B-RDS Datasheet
626Kb / 10P
   Cree짰 P4 LED
logo
Cree, Inc
CP42T-RKS CREE-CP42T-RKS Datasheet
708Kb / 8P
   Cree짰 P4 LED
logo
Marktech Corporate
CP43B-RGS MARKTECH-CP43B-RGS Datasheet
524Kb / 8P
   Cree짰 P4 LED
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com