Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXN-XHHKKMN3 Datasheet(PDF) 4 Page - Marktech Corporate

Part # CCCCC-DXN-XHHKKMN3
Description  Cree짰 PLCC4 1 in 1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXN-XHHKKMN3 Datasheet(HTML) 4 Page - Marktech Corporate

  CCCCC-DXN-XHHKKMN3 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXN-XHHKKMN3 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT1075.001
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
Fax:+1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeand
theCreeLEDareregisteredtrademarksofCree,Inc.
Toleranceofmeasurementofthecolorcoordinatesis±0.01.
Color Bin Limit (I
F = 30 mA)
Bin
Code
Sub-
bin
x
y
W5
Wt
0.3300
0.3600
0.3455
0.3725
0.3443
0.3535
0.3300
0.3390
Wu
0.3300
0.3390
0.3443
0.3535
0.3430
0.3345
0.3300
0.3180
Wv
0.3455
0.3725
0.3610
0.3850
0.3585
0.3680
0.3443
0.3535
Ww
0.3443
0.3535
0.3585
0.3680
0.3560
0.3510
0.3430
0.3345
CoolWhite
WarmWhite
Bin
Code
Sub-
bin
x
y
M1
Ma
0.3610
0.3900
0.3576
0.3651
0.3751
0.3783
0.3820
0.4075
Mb
0.3576
0.3651
0.3541
0.3401
0.3682
0.3491
0.3749
0.3781
Mc
0.3820
0.4075
0.3751
0.3783
0.3926
0.3915
0.4030
0.4250
Md
0.3751
0.3783
0.3682
0.3491
0.3822
0.3580
0.3926
0.3915
Bin
Code
Sub-
bin
x
y
M2
Me
0.4030
0.4250
0.3926
0.3915
0.4118
0.4021
0.4260
0.4390
Mf
0.3926
0.3915
0.3822
0.3580
0.3976
0.3653
0.4118
0.4021
Mg
0.4260
0.4390
0.4118
0.4021
0.4310
0.4128
0.4490
0.4530
Mh
0.4118
0.4021
0.3976
0.3653
0.4129
0.3725
0.4310
0.4128
Bin
Code
Sub-
bin
x
y
M3
Mj
0.4490
0.4530
0.4310
0.4128
0.4572
0.4203
0.4785
0.4625
Mk
0.4310
0.4128
0.4129
0.3726
0.4359
0.3782
0.4572
0.4203
Mm
0.4785
0.4625
0.4572
0.4203
0.4834
0.4279
0.5080
0.4720
Mn
0.4572
0.4203
0.4359
0.3782
0.4588
0.3838
0.4834
0.4279
Toleranceofmeasurementofthecolorcoordinatesis±0.01.
Bin
Code
Sub-
bin
x
y
W4
Wp
0.3070
0.3370
0.3185
0.3485
0.3200
0.3270
0.3100
0.3150
Wq
0.3100
0.3150
0.3200
0.3270
0.3215
0.3075
0.3130
0.2970
Wr
0.3185
0.3485
0.3300
0.3600
0.3300
0.3390
0.3200
0.3270
Ws
0.3200
0.3270
0.3300
0.3390
0.3300
0.3180
0.3215
0.3075


Similar Part No. - CCCCC-DXN-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXN-XHHKKMN3 MARKTECH-CCCCC-DXN-XHHKKMN3 Datasheet
600Kb / 9P
   Cree짰 PLCC2 White SMD LED
More results

Similar Description - CCCCC-DXN-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
   Cree짰 PLCC4 1-in-1 SMD LED
logo
Cree, Inc
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4T-RKW CREE-CLM4T-RKW Datasheet
677Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM2B-REW MARKTECH-CLM2B-REW Datasheet
484Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
   Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com