Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM64V1605GU-60 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYM64V1605GU-60
Description  3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM64V1605GU-60 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYM64V1605GU-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYM64V1605GU-60 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HYM 64(72)V1605/45GU-50/-60
16M x 64/72 DRAM Module
Semiconductor Group
9
DC Characteristics for HYM64/72V1605 (4k-refresh)
T
A = 0 to 70 °C; VCC = 3.3 V ± 0.3 V
Parameter
Symbol
x 64
x 72
Unit Note
s
min.
max.
min.
max.
Average
V
CC supply current:
-50 version
-60 version
(RAS,CAS,address cycling,
t
RC=tRC min.)
I
CC1
2240
1840
2520
2070
mA
mA
2) 3)
4)
Standby
V
CC supply current
(RAS = CAS =
V
IH, one address change)
I
CC2
32
36
mA
Average
V
CC supply current during RAS
only refresh cycles:
-50 version
-60 version
(RAS cycling, CAS =
V
IH ,
t
RC = tRC min.)
I
CC3
2240
1840
2520
2070
mA
mA
2) 4)
Average
V
CC supply current during
hyper page mode (EDO):
-50 version
-60 version
(RAS =
V
IL, CAS, address cycling
t
PC = tPC min.)
I
CC4
1680
1360
1890
1530
mA
mA
2) 3)
4)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V, one address
change)
I
CC5
16
18
mA
Average
V
CC supply current during
CAS-before-RAS refresh mode:
-50 version
-60 version
(RAS, CAS cycling
, t
RC = tRC min.)
I
CC6
2240
1840
2520
2070
mA
mA
2) 4)


Similar Part No. - HYM64V1605GU-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-50 SIEMENS-HYM64V1005GU-50 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-60 SIEMENS-HYM64V1005GU-60 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM64V1605GU-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V1625GS-50- SIEMENS-HYM72V1625GS-50- Datasheet
70Kb / 11P
   16M x 72-Bit EDO-DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com