Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet(PDF) 9 Page - Marktech Corporate

Part # CCCCC-DXA-XHHJJKKLLMMNNT1
Description  Cree짰 PLCC6 3 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet(HTML) 9 Page - Marktech Corporate

Back Button CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 9Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 10Page - Marktech Corporate CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet HTML 11Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CLD-CT1163.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Reliability
Tests and Results
Test
Applicable Standards
Test Condition
Note
Number of
Damaged
Temperature Cycle
JEITA ED-4701
100 105
-40°C~25°C~100°C~25°C
30 mins, 5 mins, 30 mins, 5 mins
100 cycles
0/45
Thermal Shock
MIL-STD-202G
-40°C~100°C
30 mins, 30 mins
100 cycles
0/45
Moisture Resistance
JEITA ED-4701
200 203
25°C~65°C~
90%RH 24hrs/1cycle
10 cycles
0/45
High Temperature Storage
JEITA ED-4701
200 201
T
A=100°C
500 hrs
0/45
Temperature Humidity Storage
JEITA ED-4701
100 103
T
A=60°C
RH=90%
500 hrs
0/45
Low Temperature Storage
JEITA ED-4701
200 202
T
A=-40°C
500 hrs
0/45
Water Proof Test*
IEC 60529:2001
IP X5
Water flow rate 12.5 l/min
15min
0/45
High Temperature Life Test
-
T
A=85°C
I
F=15 mA
1000 hrs
0/45
Life Test
-
T
A=25°C
IF: R=30mA G=35mA B=20mA
1000 hrs
0/45
High Humidity Heat Life Test
-
60°C RH=90%
I
F=15 mA
500 hrs
0/45
Low Temperature Life Test
-
Ta=-40°C
IF: R=30mA G=35mA B=20mA
500 hrs
0/45
Resistance to Soldering Heat(Reflow
Soldering)
JEITA ED-4701
300 301
T
sol=260°C,10sec
(Pre treatment 30°C,70%,168hrs)
2 times
0/45
Vibration-variable Frequency
MIL-STE-883
Method 2007
20G min, 20 to 2000Hz, 4cycles, 4mins,
Each x,y,z
/
0/45
Electrostatic Discharge Test
AEC(Q101-001)
Human body model 1000 V
(Forward and reverse current conduct
electricity each 1time)
/
0/45
Water proof test*: The test is conducted on component level. It is strongly recommended the customers test the
products for their application
Failure Criteria
Item
Symbol
Test
Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
V
F
I
F = 20 mA
Initial Data x 1.1
Reverse Current
I
R
V
R = 5 V
-
100 μA
Luminous Flux/Intensity
Ф
V
I
F = 20 mA
Initial Data x 0.7
-
Resistance to Soldering
Heat
-
I
F = 20 mA
No dead lamps and visual damage
Vibration-variable
Frequency
-
I
F = 20 mA
No dead lamps and visual damage


Similar Part No. - CCCCC-DXA-XHHJJKKLLMMNNT1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHJJKKLLMMNNT1 MARKTECH-CCCCC-DXA-XHHJJKKLLMMNNT1 Datasheet
527Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHJJKKLLMMNNT1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com