Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXG-XHHKKMN2 Datasheet(PDF) 1 Page - Marktech Corporate

Part # CCCCC-DXG-XHHKKMN2
Description  Cree짰 PLCC6 3-in-1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CCCCC-DXG-XHHKKMN2 Datasheet(HTML) 1 Page - Marktech Corporate

  CCCCC-DXG-XHHKKMN2 Datasheet HTML 1Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 2Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 3Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 4Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 5Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 6Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 7Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 8Page - Marktech Corporate CCCCC-DXG-XHHKKMN2 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
These SMD LEDs are packaged in an industry-standard PLCC6 package. These
high-reliability and high-brightness LEDs are designed to work in a wide range of
environmental conditions and are ideally suited for use in illumination applications.
Their wide viewing angle makes these LEDs ideally suited for channel letters or
general backlighting and illumination applications. The flat-top emitting surface
makes it easy for these LEDs to mate with light pipes.
FEATURES
Size (mm): 6.0 x 5.0
Color Temperatures (K):
»
CLP6B-WKW: Min.(4600) / Typical (6800)
»
CLP6B-MKW: Min. (2500) / Typical (3200)
Luminous Intensity (mcd)
»
Cool White (7100-18000)
»
Warm White (7100-14000)
CRI
»
Typical CRI for Cool White (4600–15000K) is 72
»
Typical CRI for Warm White (2500–4600K) is 80
Viewing Angle: 120 degrees
Lead-Free
RoHS-Compliant
APPLICATIONS
Light Strip
Channel Letter
Backlight
Cree® PLCC6 3-in-1 SMD LED
CLP6B-WKW/MKW
Data Sheet


Similar Part No. - CCCCC-DXG-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXG-XHHKKMN2 MARKTECH-CCCCC-DXG-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXG-XHHKKMN2 MARKTECH-CCCCC-DXG-XHHKKMN2 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXG-XHHKKMN2 MARKTECH-CCCCC-DXG-XHHKKMN2 Datasheet
600Kb / 10P
   Cree짰 PLCC6 SMD LED
CCCCC-DXG-XHHKKMN2 MARKTECH-CCCCC-DXG-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXG-XHHKKMN2 MARKTECH-CCCCC-DXG-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXG-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
   Cree짰 PLCC6 3-in-1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
CLM6S-BKB CREE-CLM6S-BKB Datasheet
731Kb / 8P
   Cree짰 PLCC6 3 in 1 SMD LED
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
   Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
   Cree짰 PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com