Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C503B-AAS-CY0B0252 Datasheet(PDF) 3 Page - Marktech Corporate

Part # C503B-AAS-CY0B0252
Description  Cree짰 5-mm Red and Amber Round LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503B-AAS-CY0B0252 Datasheet(HTML) 3 Page - Marktech Corporate

  C503B-AAS-CY0B0252 Datasheet HTML 1Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 2Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 3Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 4Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 5Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 6Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 7Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 8Page - Marktech Corporate C503B-AAS-CY0B0252 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CLD-CT1079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
C503B-RAS/RAN (15 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
B0
16800
23500
Color Bin Limit (I
F = 20 mA)
Red
Bin Code
Min.
(nm)
Max.
(nm)
RA
618
630
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Tolerance of measurement of luminous intensity is ±15%
Tolerance of measurement of dominant wavelength is ±1 nm
C503B-AAS/AAN (15 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
B0
16800
23500
C503B-ABS/ABN (23 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-RBS/RBN (23 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-RCS/RCN (30 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
C503B-ACS/ACN (30 degree)
Bin Code
Min.
(mcd)
Max.
(mcd)
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Red
Amber


Similar Part No. - C503B-AAS-CY0B0252

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C503B-AAS-CA0C0252-015 CREE-C503B-AAS-CA0C0252-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C503B-AAS-CA0C0341-015 CREE-C503B-AAS-CA0C0341-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
C503B-AAS-CA0C0342-015 CREE-C503B-AAS-CA0C0342-015 Datasheet
815Kb / 9P
   Cree 5mm Amber Round LED
More results

Similar Description - C503B-AAS-CY0B0252

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
   5 mm Mini Oval Red and Amber LEDs
logo
Marktech Corporate
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
   Cree짰 5-mm Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Marktech Corporate
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
   Cree짰 5-mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com