Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYM64V4005GU-50 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYM64V4005GU-50
Description  3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYM64V4005GU-50 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYM64V4005GU-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYM64V4005GU-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Semiconductor Group
1
3.3V 4M
× 64-Bit EDO-DRAM Module
3.3V 4M x 72-Bit EDO-DRAM Module
168pin unbuffered DIMM Module
with serial presence detect
HYM64V4005GU-50/-60
HYM64V4045GU-50/-60
HYM72V4005GU-50/-60
HYM72V4045GU-50/-60
168 Pin JEDEC Standard, Unbuffered 8 Byte Dual In-Line Memory Module
for PC main memory applications
1 bank 4M x 64, 4M x 72 in 2k and 4k refresh organisations
Optimized for byte-write non-parity or ECC applications
Extended Data Out (EDO)
Performance:
Single +3.3 V
± 0.3 V Power Supply
CAS-before-RAS refresh, RAS-only-refresh
Decoupling capacitors mounted on substrate
All inputs, outputs and clocks are fully LV-TTL compatible
Serial presence detects (optional)
Utilizes 4M x 4 -DRAMs in TSOPII packages
2048 refresh cycles / 32 ms with 11 / 11 addressing ( Row / Column) for HYM64/72V4005GU
4096 refresh cycles / 64 ms with 12 / 10 addressing ( Row / Column) for HYM64/72V4045GU
Gold contact pads
Card Size: 133,35mm x 25,40 mm x 4,00 mm
This DRAM product module family is intended to be fully pin and architecture compatible
with the 168pin unbuffered SDRAM DIMM module family
-50
-60
tRAC
RAS Access Time
50 ns
60 ns
tCAC
CAS Access Time
13 ns
15 ns
tAA
Access Time from Address
25 ns
30 ns
tRC
Cycle Time
84 ns
104 ns
tHPC
EDO Mode Cycle Time
20 ns
25 ns
1
2.97


Similar Part No. - HYM64V4005GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-50 SIEMENS-HYM64V1005GU-50 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1005GU-60 SIEMENS-HYM64V1005GU-60 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V1605GU-60 SIEMENS-HYM64V1605GU-60 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
More results

Similar Description - HYM64V4005GU-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM72V4005GS-50- SIEMENS-HYM72V4005GS-50- Datasheet
70Kb / 11P
   4M x 72-Bit EDO-DRAM Module
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
HYM64V1605GU-50 SIEMENS-HYM64V1605GU-50 Datasheet
95Kb / 17P
   3.3V 16M x 64-Bit EDO-DRAM Module 3.3V 16M x 72-Bit EDO-DRAM Module
HYM64V8005GU-50 SIEMENS-HYM64V8005GU-50 Datasheet
90Kb / 17P
   3.3V 8M x 64-Bit EDO-DRAM Module 3.3V 8M x 72-Bit EDO-DRAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM72V2005GS-50- SIEMENS-HYM72V2005GS-50- Datasheet
66Kb / 11P
   2M x 72-Bit EDO-DRAM Module
HYM72V8025GS-50- SIEMENS-HYM72V8025GS-50- Datasheet
65Kb / 11P
   8M x 72-Bit EDO- DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com