Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD8000N4T Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTD8000N4T
Description  Peak Sensitivity Wavelength: 880nm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTD8000N4T Datasheet(HTML) 1 Page - Marktech Corporate

  MTD8000N4T Datasheet HTML 1Page - Marktech Corporate MTD8000N4T Datasheet HTML 2Page - Marktech Corporate MTD8000N4T Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
Vceo
30
V
Emitter-Collector Voltage
Veco
5
V
Collector Current
Ic
50
mA
Collector Power Dissipation
Pc
150
mW
Operating Temperature Range
Topr
-30 ~ +100
ºC
Storage Temperature Range
Tstg
-40 ~ +125
ºC
Junction Temperature
Tj
125
ºC
Lead Soldering Temperature*1
Tls
260
ºC
*1: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Sensitivity Wavelength: 880nm
The MTD8000N4-T is a photo transistor in a TO-18 metal can domed package. It is well suited for high
reliability and high sensitivity applications.
FEATURES
> High Reliability in Demanding Environments
> Narrow Angular Response
> Metal Can Package
> Compact
APPLICATIONS
> Optical Switches
> Edge Sensing
> Fiber Optical Communications
> Smoke Detectors
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Light Current
IL
Vce=20V, L=100Lux *1
--
3.0
--
mA
Dark Current
ID
Vce=20V
--
--
100
nA
C-E Saturation Voltage
VCE(sat)
Ic=0.2mA, L=1000Lux *1
--
0.2
--
V
Spectral Sensitivity
λ
--
--
400~1100
--
nm
Spectral Sensitivity
λ
*2
--
800~1100
--
nm
Peak Sensitivity Wavelength
λp
--
--
880
--
nm
Switching Time (Rise Time)
Tr
RL=100Ω,
Vcc=5V, Ic=1mA
--
10.0
--
µS
Switching Time (Fall Time)
Tf
RL=100Ω,
Vcc=5V, Ic=1mA
--
10.0
--
µS
Anglar Response
Ө
--
--
±12
--
deg
Photo Transistor
Product No:
MTD8000N4-T
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-07-19
*1: Color Temperature=2870OK Stardard Tungsten Lamp, *2: With Daylight Filter Type (Sensing Only IR Rays) also Available.


Similar Part No. - MTD8000N4T

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD8000N4T MARKTECH-MTD8000N4T Datasheet
736Kb / 3P
   Photo Transistor
MTD8000N4T MARKTECH-MTD8000N4T Datasheet
736Kb / 3P
   Photo Transistor
MTD8000N4T MARKTECH-MTD8000N4T_15 Datasheet
736Kb / 3P
   Photo Transistor
More results

Similar Description - MTD8000N4T

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8600T4T MARKTECH-MTD8600T4T Datasheet
784Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8600N4-T MARKTECH-MTD8600N4-T Datasheet
749Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8600NT MARKTECH-MTD8600NT Datasheet
680Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8000N4-T MARKTECH-MTD8000N4-T Datasheet
736Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8600T4-T MARKTECH-MTD8600T4-T Datasheet
784Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD6000PTT MARKTECH-MTD6000PTT Datasheet
588Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8000M3B-T MARKTECH-MTD8000M3B-T Datasheet
570Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD6100PT MARKTECH-MTD6100PT Datasheet
561Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8600N4T MARKTECH-MTD8600N4T Datasheet
749Kb / 3P
   Peak Sensitivity Wavelength: 880nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com