Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE4064M3A_UR Datasheet(PDF) 3 Page - Marktech Corporate

Part # MTE4064M3A_UR
Description  Peak Emission Wavelength: 643nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE4064M3A_UR Datasheet(HTML) 3 Page - Marktech Corporate

  MTE4064M3A_UR Datasheet HTML 1Page - Marktech Corporate MTE4064M3A_UR Datasheet HTML 2Page - Marktech Corporate MTE4064M3A_UR Datasheet HTML 3Page - Marktech Corporate MTE4064M3A_UR Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
Visible Emitter
Product No:
MTE4064M3A-UR
3
2011-09-11


Similar Part No. - MTE4064M3A_UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4064M3A MARKTECH-MTE4064M3A_15 Datasheet
665Kb / 4P
   Visible Emitter
More results

Similar Description - MTE4064M3A_UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4064PT-UR MARKTECH-MTE4064PT-UR Datasheet
591Kb / 3P
   Peak Emission Wavelength: 643nm
MTE4064N_UR MARKTECH-MTE4064N_UR Datasheet
752Kb / 4P
   Peak Emission Wavelength: 643nm
MTE4064W_UR MARKTECH-MTE4064W_UR Datasheet
649Kb / 4P
   Peak Sensitivity Wavelength: 643nm
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS8085W_1105 MARKTECH-MTPS8085W_1105 Datasheet
758Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8085FT_1105 MARKTECH-MTPS8085FT_1105 Datasheet
679Kb / 3P
   Peak Emission Wavelength: 855nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com