Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE5057W_UYG Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTE5057W_UYG
Description  Peak Sensitivity Wavelength: 574nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE5057W_UYG Datasheet(HTML) 2 Page - Marktech Corporate

  MTE5057W_UYG Datasheet HTML 1Page - Marktech Corporate MTE5057W_UYG Datasheet HTML 2Page - Marktech Corporate MTE5057W_UYG Datasheet HTML 3Page - Marktech Corporate MTE5057W_UYG Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Unit: mm, Tolerance: ±0.2
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
Visible Emitter
Product No:
MTE5057W-UYG
2
2011-09-12


Similar Part No. - MTE5057W_UYG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
More results

Similar Description - MTE5057W_UYG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
   Peak Sensitivity Wavelength: 574nm
MTRS5750 MARKTECH-MTRS5750_11 Datasheet
563Kb / 3P
   Peak Emission Wavelength: 574nm
MTRS5750D MARKTECH-MTRS5750D Datasheet
578Kb / 3P
   Peak Emission Wavelength: 574nm
MTE5057M3A_UYG MARKTECH-MTE5057M3A_UYG Datasheet
657Kb / 4P
   Peak Emission Wavelength: 574nm
MTE5057N_UYG MARKTECH-MTE5057N_UYG Datasheet
760Kb / 4P
   Peak Emission Wavelength: 574nm
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
   Peak Sensitivity Wavelength: 850nm
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD8600NT MARKTECH-MTD8600NT Datasheet
680Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTE2056W_UYG MARKTECH-MTE2056W_UYG Datasheet
639Kb / 4P
   Peak Sensitivity Wavelength: 562nm
MTE5066W_UR MARKTECH-MTE5066W_UR Datasheet
649Kb / 4P
   Peak Sensitivity Wavelength: 660nm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com